Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33989 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button 33989 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 66 page
background image
Analog Integrated Circuit Device Data
24
Freescale Semiconductor
33989
FUNCTIONAL DEVICE OPERATION
RESET AND WATCHDOG PINS, SOFTWARE WATCHDOG OPERATIONS
Table 6. Table of Operation
Mode
Voltage Regulator
HS1 Switch
Wake-up
Capabilities
(if enabled)
Reset Pin
INT
Software
Watchdog
CAN Cell
Normal
Request
VDD1:ON
V2:OFF
HS1:OFF
—
Low for Reset-DUR
Time, then High
—
—
—
Normal
VDD1:ON
V2:ON
HS1:Controllable
—
Normally High
Active Low if WD or
VDD1 under voltage
occurs (and mode 1
selected)
If Enabled, Signal
Failure (VDD1 Pre-
Warning Temp,
CAN, HS1)
Running
Tx/Rx
Standby
VDD1:ON
V2:OFF
HS1:Controllable
—
Same as Normal
Mode
Same as Normal
Mode
Running
Low Power
Stop
VDD1:ON
(Limited Current
Capability)
V2:OFF
HS1:OFF or Cyclic
CAN
SPI
L0:L3
Cyclic Sense
Forced Wake-up
IDD1 Over Current
(28)
Normally High
Active Low if WD
(29)
or VDD1 Under
Voltage Occurs
Signal SBC Wake-
up and
IDD > IDD1S/WU
(Not Maskable)
Running if Enabled
Not Running if
Disabled
Low Power
Wake-up Capability
if Enabled
Sleep
VDD1:OFF
V2:OFF
HS1:OFF or Cyclic
CAN
SPI
L0:L3
Cyclic Sense
Forced Wake-up
Low
Not Active
Not Running
Low Power
Wake-up Capability
if Enabled
Debug
Normal
Same as Normal
—
Normally High
Active Low if VDD1
Under Voltage
Occurs
Same as Normal
Not Running
Same as Normal
Debug
Standby
Same as Standby
—
Normally High
Active Low if VDD1
Under Voltage
Occurs
Same as Standby
Not Running
Same as Standby
Stop Debug
Same as Stop
Same as Stop
Normally High
Active Low if VDD1
Under Voltage
Occurs
Same as Stop
Not Running
Same as Stop
Flash
Programming
Forced Externally
—
Not Operating
Not Operating
Not Operating
Not Operating
Notes
28.
Always enable.
29.
If enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com