Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33989 Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button 33989 Datasheet HTML 52Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 53Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 54Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 55Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 56Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 57Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 58Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 59Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 66 page
background image
Analog Integrated Circuit Device Data
56
Freescale Semiconductor
33989
TYPICAL APPLICATIONS
SUPPLEMENTAL APPLICATION NOTES
How to Configure Wake-Up Before Going in Low Power
Mode
Figure 50. Wake-Up Configure Before Low Power Mode
Enable CAN Wake-Up
Figure 51. Enable CAN Wake-Up
Enable Wake-Up From LX, No Cyclic Function
Figure 52. Enable Wake-Up From LX without Cyclic Sense
Enable Wake-Up From LX, with Cyclic Sense Function
Figure 53. Enable Wake-Up From LX with Cyclic Sense
Force Wake-Up
Figure 54. Force Wake-Up
Disable all Wake-Up
Figure 55. Disable all Wake-Up
• Turn on HS1
• Turn off HS1
Write IOR= $74
Write IOR= $70
• CAN sleep and CAN wake-up enable
note: CAN interface will enter sleep mode as soon as this command is sent in
Write CAN= $51
• no force wake-up, no cyclic sense, no LX cyclic
• Wake-up levels on LX
refer to the specification for details
Write LPC =$D0
Write WUR= $9X
• No force wake-up, cyclic sense function, LX cyclic
• Cyclic sense period
• Wake-up levels on LX
Write LPC =$D9
Write TIM2= $BX
Write WUR =$9X
Write LPC= $D4
Write TIM2= $BX
• Force wake-up, no cyclic sense function, LX cyclic
• Force wake-up period
• Disable Force wake-up,LX cyclic
• Disable LX
• CAN sleep and CAN wake-up disable
note: can interface will enter sle ep mode as soon as $53 is sent
Write LPC =$D0
Write WUR =$90
Write CAN =$53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com