Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33989 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33989 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33989
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
BATFAIL Flag Hysteresis (13)
VBF(HYS)
—
1.0
—
V
Battery Fall Early Warning Threshold
In Normal and Standby Mode
BFEW
5.3
5.8
6.3
V
Battery Fall Early Warning Hysteresis
In Normal and Standby Mode (13)
BFEWH
0.1
0.2
0.3
V
POWER OUTPUT (VDD1) (14)
VDD1 Output Voltage
IDD1 from 2.0 to 200 mA TAMB -40 to 125°C, 5.5 V < VSUP < 27 V
VDD1OUT
4.9
5.0
5.1
V
VDD1 Output Voltage
IDD1 from 2.0 to 200 mA, 4.5 V < VSUP < 5.5 V
VDD1OUT2
4.0
—
—
V
Dropout Voltage
IDD1 = 200 mA
VDD1DRP
—
0.2
0.5
V
Dropout Voltage, Limited Output Current
IDD1 = 50 mA, 4.5 V < VSUP
VDD1DRP2
—
0.1
0.25
V
IDD1 Output Current
Internally Limited
IDD1
200
285
350
mA
Junction Thermal Shutdown
Normal or Standby Modes
TSD
160
—
200
°C
Junction Over Temperature Pre-Warning
VDDTEMP Bit Set
TPW
125
—
160
°C
Temperature Threshold Difference
TSD - TPW
20
—
40
°C
Reset Threshold 1
Selectable by SPI. Default Value After Reset.
RSTTH1
4.5
4.6
4.7
V
Reset Threshold 2
Selectable by SPI
RSTTH2
4.1
4.2
4.3
V
VDD1 Range for Reset Active
VDDR
1.0
—
—
V
Reset Delay Time
Measured at 50% of Reset Signal
tD
4.0
—
30
µs
Line Regulation (C at VDD1 = 47 µF Tantal)
9.0 V VSUP < 18, IDD = 10 mA
LR1
—
5.0
25
mV
Line Regulation (C at VDD1 = 47 µF Tantal)
5.5 < VSUP < 27 V, IDD = 10 mA
LR2
—
10
25
mV
Load Regulation (C at VDD1 = 47 µF Tantal)
1.0 mA < IIDD < 200 mA
LD
—
25
75
mV
Thermal Stability
VSUP = 13.5 V, 1 = -100 mA Not Tested
(15)
THERMS
—
30
50
mV
Notes
13.
With CAN cell in Sleep-Disable state. If CAN cell is Sleep-Enabled for wake-up, an additional 60 µA must be added to specified value.
14.
IDD1 is the total regulator output current. VDD specification with external capacitor. Stability requirement: C > 47 µF ESR < 1.3 Ω
(tantalum capacitor). In reset, normal request, normal and standby modes. Measure with C = 47 µF Tantalum.
15.
Guaranteed by design; however, it is not production tested.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 5.5 V
≤ V
SUP ≤ 18 V, - 40°C ≤ T
A ≤ 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com