Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33989 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button 33989 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 66 page
background image
Analog Integrated Circuit Device Data
36
Freescale Semiconductor
33989
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
Figure 19. HS1 Operation when Cyclic Sense is Selected
Low Power Mode Control Register (LPC)
This register controls:
• The state of HS1 in Stop and Sleep mode (HS1
permanently off or HS1 cyclic)
• Enable or disable the forced wake-up function (SBC
automatic wake-up after time spend in Sleep or Stop
modes, time is defined by the TIM2 register)
• Enable or disable the sense of the wake-up inputs (Lx) at
sampling point of the Cyclic Sense period (LX2HS1 bit).
Please refer to the Cyclic Sense Wake-up discussion for
details of the LPC register setup required for proper Cyclic
Sense or direct wake-up operation.
Table 27. TIM1 Control Bits
CSP2
CSP1
CSP0
Cyclic Sense Timing (ms)
Parameter
0
0
0
5
Cyclic Sense/FWU Timing 1
0
0
1
10
Cyclic Sense/FWU Timing 2
0
1
0
20
Cyclic Sense/FWU Timing 3
0
1
1
40
Cyclic Sense/FWU Timing 4
1
0
0
75
Cyclic Sense/FWU Timing 5
1
0
1
100
Cyclic Sense/FWU Timing 6
1
1
0
200
Cyclic Sense/FWU Timing 7
1
1
1
400
Cyclic Sense/FWU Timing 8
Cyclic Sense Timing, Off Time
Cyclic Sense on Time
t
HS1
Sample
10 µs
HS1 OFF
HS1 ON
Lx Sampling Point
Table 28. LPC Register
LPC
D3
D2
D1
D0
$110B
W
LX2HS1
FWU
—
HS1AUTO
R
—
—
—
—
Reset Value
0
0
—
0
Reset Condition
POR, NR2R
N2R,STB2RSTO2R
POR, NR2R
N2R,STB2RSTO2R
—
POR, NR2R
N2R,STB2RSTO2R
Table 29. LX2HS1 Control Bits
LX2HS1
Wake-Up Inputs Supplied by HS1
0
No
1
Yes, Lx Inputs Sensed at Sampling Point
Table 30. HS1AUTO Control Bits
HS1AUTO
Auto Timing HS1 in Sleep and Stop Modes
0
OFF
1
ON, HS1 Cyclic, Period Defined in TIM2 Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com