Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33989 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button 33989 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 43Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 44Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 45Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 46Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 47Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 48Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 49Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
Analog Integrated Circuit Device Data
46
Freescale Semiconductor
33989
TYPICAL APPLICATIONS
SUPPLEMENTAL APPLICATION NOTES
Figure 34. 33989 CAN Interface
CAN Interface Supply
The supply voltage for the CAN driver is the V2 pin. The
CAN interface also has a supply path from the battery line,
through the pin VSUP. This path is used in CAN sleep mode
to allow wake-up detection.
During CAN communication (transmission and reception)
the CAN interface current is sourced from the V2 pin. During
a CAN low power mode, the current is sourced from the
VSUP pin.
Main Operation Modes Description
The CAN interface of the MC33989 has two main
operation modes: Normal mode and sleep mode. The modes
are controlled by the SPI command.
In normal mode, used for communication, four different
slew rates are available for the user.
In sleep mode, the user has the option to enable or disable
the remote CAN wake-up capability.
CAN Driver Operation in Normal Mode
When the CAN interface of the MC33989 is in Normal
mode, the driver has two states: recessive or dominant. The
driver state is controlled by the TX pin. The bus state is
reported through the RX pin.
When TX is high, the driver is set in a recessive state,
CANH and CANL lines are biased to the voltage set at V2
divided by 2, approx. 2.5 V.
When TX is low, the bus is set into dominant state: the
CANL and CANH drivers are active. CANL is pulled to gnd,
CANH is pulled high toward 5 V (the voltage at V2).
The RX pin reports the bus state: the CANH minus the
CANL voltage is compared versus an internal threshold (a
few hundred mV). If “CANH minus CANL” is below the
threshold, the bus is recessive and RX is set high.
If “CANH minus CANL” is above the threshold, the bus is
dominant and RX is set low. This is illustrated in the figure
below.
Figure 35. CAN Driver Operation in Normal Mode
V2
Bus termination (60 ohms)
CANH line
CAN L line
TX
RX
Differential
receiver
Driver
Driver
2.5V
Wake-up
Wake-up
receiver
pattern
recognition
Internal
VSUP
wake-up
signal
CANH
CANL
SPI control
SPI control
SPI control
V2
V2
V2
V2
QH
QL
CANH
TX
RX
2.5V
CANH-DOM
CANH-REC
CANL
2.5V
CANL-DOM
CANL-REC
CANH-CANL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com