Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33989 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button 33989 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
Analog Integrated Circuit Device Data
28
Freescale Semiconductor
33989
FUNCTIONAL DEVICE OPERATION
RESET AND WATCHDOG PINS, SOFTWARE WATCHDOG OPERATIONS
Figure 14. Behavior at SBC Power-Up
Figure 15. Transitions to Enter Debug Modes
Power-Up
Reset
Normal
Request
Normal
Trigger
Batfail
No Stop
Sleep
No
No
Yes
No
Yes
Yes
Behavior after power-up if no trigger appears
Behavior after reset of BATFAIL if no trigger appears
Normal Request
Stand-by Debug
SPI: MCR (0000) & Normal Debug
Normal
Reset
Reset Counter
(3.4 ms) Expired
WD: Timeout 350 ms
Normal Debug
SPI: MCR (0000) & Stand-by Debug
Power
Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com