Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33989 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button 33989 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 66 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
33
33989
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
High-Speed CAN Transceiver Modes
The mode bit (D0) controls the state of the CAN module,
Normal or Sleep modes. Please see Table 16. SC0 bit (D1)
defines the slew rate when the CAN module is in Normal
mode, and controls the wake-up option (wake-up enable or
disable) when the CAN module is in Sleep mode. CAN
module modes (Normal and Sleep) are independent of the
SBC modes. Please see Table 17.
Error bits are latched in the CAN registers. Bit (1) CUR is
set to 1 when the CAN interface is programmed into CAN
NORMAL for the first time after V2 turn ON. To clear the CUR
bit, follow this procedure:
• Turn V2 ON (SBC in Normal mode and V2 above V2
threshold) the CAN interface must be set into CAN Sleep
• Return to CAN NORMAL
Input/Output Control Register (IOR)
Table 18 provides data about HS1 control in Normal and
Standby modes, while Table 19 provides control bit data.
When HS1 is turned OFF due to an over temperature
condition, it can be turned ON again by setting the
appropriate control bit to 1. Error bits are latched in the Input/
Output Registers (IOR). Please see Table 20.
Table 16. CAN High-Speed Transceiver Modes
SC1
SC0
MODE
CAN Mode
0
0
0
CAN Normal, Slew Rate 0
0
1
0
CAN Normal, Slew Rate 1
1
0
0
CAN Normal, Slew Rate 2
1
1
0
CAN Normal, Slew Rate 3
x
1
1
CAN Sleep and CAN Wake-up Disable
x
0
1
CAN Sleep and CAN Wake-up Enable
Table 17. CAN Status Bits
Status Bits
Description
CANWU
CAN Wake-up Occurred
TXF
Permanent Dominant TX
CUR(1)
CAN Transceiver in Current Limitation
THERM
CAN Transceiver in Thermal Shutdown
Table 18. IOR Register
IOR
D3
D2
D1
D0
$011B
W
—
HS1ON
—
—
R
V2LOW
HS1OT
VSUPLOW
DEBUG
Reset Value
—
0
—
—
Reset Condition
—
POR
—
—
Table 19. IOR Control Bits
HS1ON
HS1 State
0
HS1 OFF, in Normal and Standby Modes
1
HS1 ON, in Normal and Standby Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com