Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33989 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 33989 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33989
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
LOGIC INPUT PINS (MOSI, SCLK, CS)
High Level Input Voltage
VIH
0.7 VDD1
—
VDD1 + 0.3
V
Low Level Input Voltage
VIL
-0.3
—
0.3 VDD1
V
High Level Input Current on CS
LIH
-100
—
-20
µA
Low Level Input Current on CS
LIL
-100
—
-20
µA
MOSI and SCLK Input Current
LN
-10
—
10
µA
RESET PIN (RST) (21)
High Level Output Current
0 < VOUT < 0.7 VDD
IOH
-300
-250
-150
µA
Low Level Output Voltage (I0 = 1.5 mA)
5.5 V < VSUP < 27 V
VOL
0.0
—
0.9
V
Low Level Output Voltage (I0 = 0 µA
1.0 V < VSUP < 5.5 V
VOL
0.0
—
0.9
V
Reset Pull Down Current
V > 0.9 V
IPDW
2.3
—
5.0
mA
Reset Duration After VDD1 High
RSTDUR
3.0
3.4
4.0
ms
WATCHDOG OUTPUT PIN (WD) (22)
Low Level Output Voltage (I0 = 1.5 mA)
1.0 V < VSUP < 27 V
VOL
0.0
—
0.9
V
High Level Output Voltage (I0 = 250 µA)
VOH
VDD1-0.9
—
VDD1
V
INTERRUPT PIN (INT) (22)
Low Level Output Voltage (I0 = 1.5 mA)
VOL
0.0
—
0.9
V
High Level Output Voltage (I0 = 250 µA)
VOH
VDD1-0.9
—
VDD1
V
HIGH SIDE OUTPUT PIN (HS1)
RDSON at TJ = 25°C, and IOUT - 150 mA
VSUP > 9.0 V
RON25
—
2.0
2.5
Ω
RDSON at TA = 125°C, and IOUT - 150 mA
VSUP > 9.0 V
RON125
—
—
4.5
Ω
RDSON at TA = 125°C, and IOUT - 120 mA
5.5 < VSUP < 9.0 V
RON125-2
—
3.5
5.5
Ω
Output Current Limitation
LLIM
160
—
500
mA
HS1 Overtemperature Shutdown
OVT
155
—
190
°C
HS1 Leakage Current
LLEAK
—
—
10
µA
Output Clamp Voltage at IOUT = -10 mA
No Inductive Load Drive Capability
VCL
-1.5
—
-0.3
V
Notes
21.
Push/Pull structure with tri-state condition CS high.
22.
Output pin only. Supply from VDD1. Structure switch to ground with pull-up current source.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 5.5 V
≤ V
SUP ≤ 18 V, - 40°C ≤ T
A ≤ 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com