Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33989 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  33989 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33989
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
Power Supply Voltage at VSUP
Continuous (Steady-State)
Transient Voltage (Load Dump)
VSUP
VSUP
-0.3 to 27
-0.3 to 40
V
Logic Signals (RX, TX, MOSI, MISO, CS, SCLK, RST, WD, and INT)
VLOG
-0.3 to VDD1 + 0.3
V
Output Current
VDD1
I
Internally Limited
A
HS1
Voltage
Output Current
V
I
-0.3 to VSUP + 0.3
Internally Limited
V
A
ESD Voltage, Human Body Model (1)
HS1, L0, L1, L2, L3
All Other Pins
VESDH
- 4.0 to 4.0
-2.0 to 2.0
kV
ESD Voltage Machine Model
All Pins Except CANH and CANL
VESDM
±200
V
L0, L1, L2, L3
DC Input Voltage
DC Input Current
Transient Input Voltage with External Component (2)
VWUDC
-0.3 to 40
-2.0 to 2.0
-100 to 100
V
mA
V
CANL and CANH Continuous Voltage
VCANH/L
-27 to 40
V
CANL and CANH Continuous Current
ICANH/L
200
mA
CANH and CANL Transient Voltage (Load Dump) (4)
VTRH/L
40
V
CANH and CANL Transient Voltage (5)
VTRH/L
-40 to 40
V
Logic Inputs (TX and RX)
V
-0.5 to 6.0
V
ESD Voltage (HBM 100 pF, 1.5 k) CANL, CANH
VESDCH
-4.0 to 4.0
KV
ESD Voltage Machine Model
CANH and CANL
VESDCM
-200 to 200
V
Notes
1.
ESD1 testing is performed in accordance with the Human Body Model (CZAP=100 pF, 1.5 k), the Machine Model (MM) (CZAP = 200 pF,
RZAP = 0 Ω), and the Charge Device Model (CDM), Robotic (CZAP = 4.0pF).
2.
According to ISO 7637 specification. See Table 6, page 24.
3.
Load Dump test according to ISO 7637 part 1.
4.
Transient test according to ISO 7637 part 1, pulses 1, 2, 3a, and 3b according to schematic in Table 17, page 35.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com