Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33989 Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button 33989 Datasheet HTML 58Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 59Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 60Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 61Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 62Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 63Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 64Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 65Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 66Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 64 / 66 page
background image
Analog Integrated Circuit Device Data
64
Freescale Semiconductor
33989
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 2.0)
Figure 64. Device on Thermal Test Board RθJA
Figure 65. Transient Thermal Resistance RθJA
1 W Step response, Device on Thermal Test Board Area A = 600 (mm2)
0
10
20
30
40
50
60
70
80
Heat spreading area A [mm²]
0
300
600
RθJA
x
0.1
1
10
100
1.00E-03
1.00E-02
1.00E-01
1.00E+00 1.00E+01 1.00E+02 1.00E+03 1.00E+04
Time[s]
RθJA
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com