Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC55S2X Datasheet(PDF) 48 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 44Page - NXP Semiconductors LPC55S2X Datasheet HTML 45Page - NXP Semiconductors LPC55S2X Datasheet HTML 46Page - NXP Semiconductors LPC55S2X Datasheet HTML 47Page - NXP Semiconductors LPC55S2X Datasheet HTML 48Page - NXP Semiconductors LPC55S2X Datasheet HTML 49Page - NXP Semiconductors LPC55S2X Datasheet HTML 50Page - NXP Semiconductors LPC55S2X Datasheet HTML 51Page - NXP Semiconductors LPC55S2X Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
• Supports NXP Debug Authentication Protocol version 1.0 (RSA-2048) and 1.1 (RSA-4096)
• Supports setting a sealed part to Fault Analysis mode through Debug authentication.
The on-chip ROM supports the following secure boot features:
• Uses RSASSA-PKCS1-v1_5 signature of SHA256 digest as cryptographic signature verification
• Supports RSA-2048 bit public keys (2048 bit modulus, 32-bit exponent)
• Supports RSA-4096 bit public keys (4096 bit modulus, 32-bit exponent)
• Uses x509 certificate format to validate image public keys
• Supports up to four revocable Root of Trust (or Certificate Authority) keys, Root of Trust (RoT) establishment
by storing the SHA-256 hash digest of the hashes of four RoT public keys in protected flash region (PFR)
• Supports anti-rollback feature using image key revocation and supports up to 16 Image key certificates
revocations using Serial Number field in x509 certificate.
7.10 Protected Flash Region (PFR)
The protected flash region is available to configure secure boot, debug authentication, read UUID, store PUF in
key store area, and user defined fields available for specific data storage.
7.11 Memory mapping
7.12 AHB multilayer matrix
The LPC55S2x/LPC552x uses a multi-layer AHB matrix to connect the CPU buses and other bus masters
to peripherals in a flexible manner that optimizes performance by allowing peripherals that are on different
slave ports of the matrix to be accessed simultaneously by different bus masters. The device block diagram in
Figure 5 shows details of the available matrix connections.
7.13 Memory Protection Unit (MPU)
CPU has a memory protection unit (MPU) that provides fine grain memory control, enabling applications to
implement security privilege levels, separating code, data and stack on a task-by-task basis. Such requirements
are critical in many embedded applications.
The MPU register interface is located on the CPU private peripheral bus and is described in detail in Ref 1
"Cortex-M33 DEBUG"
7.14 Links to specific memory map descriptions and tables:
• Section 7.15
• Section 7.16
• Section 7.17
7.15 Memory map overview
Table 5 gives a more detailed memory map as seen by the Cortex-M33. The purpose of the four address
spaces for the shared RAMs is outlined at the beginning of this chapter. The details of which shared RAM
regions are on which AHB matrix slave ports can be seen here.
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
48 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com