Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC55S2X Datasheet(PDF) 84 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 80Page - NXP Semiconductors LPC55S2X Datasheet HTML 81Page - NXP Semiconductors LPC55S2X Datasheet HTML 82Page - NXP Semiconductors LPC55S2X Datasheet HTML 83Page - NXP Semiconductors LPC55S2X Datasheet HTML 84Page - NXP Semiconductors LPC55S2X Datasheet HTML 85Page - NXP Semiconductors LPC55S2X Datasheet HTML 86Page - NXP Semiconductors LPC55S2X Datasheet HTML 87Page - NXP Semiconductors LPC55S2X Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
11.4 Wake-up process
VBAT_PMU = VBAT_DCDC = VDD = 3.3 V;Tamb = 25 °C; using FRO as the system clock.
Symbol
Parameter
Conditions
Min
Typ[1][2]
Max Unit
From Sleep mode, 12 MHz, No PRIMASK
backup and restore.
[3][4]
4.0
μs
From Sleep mode, 96 MHz, No PRIMASK
backup and restore.
[3][4]
500
ns
From Deep-sleep mode with full SRAM
retention.
[3]
64
μs
From Power-down mode with CPU retention
and 4 KB retained.
[3]
346
μs
twake
wake-up time
From deep power-down mode; 4KB
retained, RTC disabled; using RESET pin.
[5]
4.6
ms
Table 27. Dynamic characteristic: Typical wake-up times from low power modes
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25 °C), nominal supply voltages.
[2]
Compiler settings: IAR v8.40, High optimization.
[3]
The wake-up time measured is the time between when a GPIO input pin is triggered to wake the device up from the low power modes and from when a
GPIO output pin is set in the interrupt service routine (ISR) wake-up handler.
[4]
FRO enabled, all peripherals off.
[5]
RTC disabled. Wake-up from deep power-down causes the part to go through entire reset
process. The wake-up time measured is the time between when the RESET pin is triggered to wake the
device up and when a GPIO output pin is set in the reset handler. Wake-up time for non-secure mode.
11.5 FRO (12 MHz/96 MHz)
Tamb = -40 °C to +105 °C; 1.8 V ≤ VBAT_DCDC ≤ 3.6 V.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
fosc(RC)
FRO clock frequency
-
11.76
12
12.24
MHz
fosc(RC)
FRO clock frequency
-
94.08
96
97.92
MHz
Table 28. Dynamic characteristic: FRO
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25 °C), nominal supply voltages.
Tamb = 0 °C to +85 °C; 1.8 V ≤ VBAT_DCDC ≤ 3.6 V.
Symbol
Parameter
Conditions
Min
Typ[2]
Max
Unit
fosc(RC)
FRO clock frequency
-
11.88
12
12.12
MHz
fosc(RC)
FRO clock frequency
-
95.04
96
96.96
MHz
Table 29. Dynamic characteristic: FRO [1]
[1]
The +/- 1% accuracy specification applies to devices with date code 2041 (yyww) and onwards.
[2]
Typical ratings are not guaranteed. The values listed are at room temperature (25 °C), nominal supply voltages.
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
84 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com