Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC55S2X Datasheet(PDF) 63 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 59Page - NXP Semiconductors LPC55S2X Datasheet HTML 60Page - NXP Semiconductors LPC55S2X Datasheet HTML 61Page - NXP Semiconductors LPC55S2X Datasheet HTML 62Page - NXP Semiconductors LPC55S2X Datasheet HTML 63Page - NXP Semiconductors LPC55S2X Datasheet HTML 64Page - NXP Semiconductors LPC55S2X Datasheet HTML 65Page - NXP Semiconductors LPC55S2X Datasheet HTML 66Page - NXP Semiconductors LPC55S2X Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
– Sixteen events.
– Thirty two states.
– Upon match and/or an input or output transition create the following events: interrupt; stop, limit, halt the
timer or change counting direction; toggle outputs; change the state.
– Counter value can be loaded into capture register triggered by a match or input/output toggle.
• PWM features:
– Counters can be used in conjunction with match registers to toggle outputs and create time-proportioned
PWM signals.
– Up to ten single-edge or eight dual-edge PWM outputs with independent duty cycle and common PWM
cycle length.
• Event creation features:
– The following conditions define an event: a counter match condition, an input (or output) condition such as
an rising or falling edge or level, a combination of match and/or input/output condition.
– Selected events can limit, halt, start, or stop a counter or change its direction.
– Events trigger state changes, output toggles, interrupts, and DMA transactions.
– Match register 0 can be used as an automatic limit.
– In bi-directional mode, events can be enabled based on the count direction.
– Match events can be held until another qualifying event occurs.
• State control features:
– A state is defined by events that can happen in the state while the counter is running.
– A state changes into another state as a result of an event.
– Each event can be assigned to one or more states.
– State variable allows sequencing across multiple counter cycles.
7.25.3 Windowed WatchDog Timer (WWDT)
The purpose of the Watchdog Timer is to reset or interrupt the microcontroller within a programmable time if
it enters an erroneous state. When enabled, a watchdog reset is generated if the user program fails to feed
(reload) the Watchdog within a predetermined amount of time.
7.25.3.1 Features
• Internally resets chip if not reloaded during the programmable time-out period.
• Optional windowed operation requires reload to occur between a minimum and maximum time period, both
programmable.
• Optional warning interrupt can be generated at a programmable time prior to watchdog time-out.
• Programmable 24-bit timer with internal fixed pre-scaler.
• Selectable time period from 1,024 watchdog clocks (TWDCLK × 256 × 4) to over 67 million watchdog clocks
(TWDCLK × 224 × 4) in increments of four watchdog clocks.
• "Safe" watchdog operation. Once enabled, requires a hardware reset or a Watchdog reset to be disabled.
• Incorrect feed sequence causes immediate watchdog event if enabled.
• The watchdog reload value can optionally be protected such that it can only be changed after the "warning
interrupt" time is reached.
• Flag to indicate Watchdog reset.
• The watchdog clock (WDCLK) is generated from always on FRO_1MHz clock which can be divided by WDT
clock divider register. The accuracy of this clock is limited to +/- 15% over temperature, voltage, and silicon
processing variations.
• The Watchdog timer can be configured to run in Deep-sleep mode.
• Debug mode.
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
63 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com