Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC55S2X Datasheet(PDF) 68 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 64Page - NXP Semiconductors LPC55S2X Datasheet HTML 65Page - NXP Semiconductors LPC55S2X Datasheet HTML 66Page - NXP Semiconductors LPC55S2X Datasheet HTML 67Page - NXP Semiconductors LPC55S2X Datasheet HTML 68Page - NXP Semiconductors LPC55S2X Datasheet HTML 69Page - NXP Semiconductors LPC55S2X Datasheet HTML 70Page - NXP Semiconductors LPC55S2X Datasheet HTML 71Page - NXP Semiconductors LPC55S2X Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
7.28.1 AES engine
The LPC55S2x devices provide an on-chip hardware AES encryption and decryption engine to protect the
image content and to accelerate processing for data encryption or decryption, data integrity, and proof of origin.
Data can be encrypted or decrypted by the AES engine using a key from the PUF or a software supplied key.
The AES engine supports 128 bit, 192 bit, or 256 bit keys for encryption and decryption operations.
7.28.1.1 Features
• Encryption and decryption of data.
• Secure storage of AES key that cannot be read.
• Supports 128 bit, 192 bit or 256 bit key in Electronic Code Book (ECB) mode, Cipher Block Chaining (CBC)
mode, and Counter (CTR) mode.
• Supports 128-bit key in ICB (Indexed Code Book) mode, that offers protection against side-channel attacks.
• Compliant with the FIPS (Federal Information Processing Standard) Publication 197, Advanced Encryption
Standard (AES).
• It may use the processor, DMA, or AHB Master for data movement. AHB Master may only be used to load
data, DMA may be used to read-out results. DMA based result reading is a "trigger", so the application must
set the size correctly.
7.28.2 HASH engine
The LPC55S2x devices provide on-chip Hash support to perform SHA-1 and SHA-2 with 256-bit digest
(SHA-256). Hashing is a way to reduce arbitrarily large messages or code images to a relatively small fixed
size "unique" number called a digest. The SHA-1 Hash produces a 160 bit digest (five words), and the SHA-256
hash produces a 256 bit digest (eight words).
7.28.2.1 Features
• Performs SHA-1 and SHA-2(256) based hashing.
• Used with HMAC to support a challenge/response or to validate a message.
7.28.3 PUF
The PUF controller on the LPC55S2x provides generation and secure storage for keys without storing the
key. The PUF controller provides a unique key per device and exists in that device based on the unique
characteristics of PUF SRAM. Instead of storing the key, a Key Code is generated, which in combination with
the digital fingerprint is used to reconstruct keys that are routed to the AES engine, for use by software, and by
PRINCE engine. PUF keys have a dedicated path to the AES engine and PRINCE engine. There is no other
mechanism by which keys can be observed.
7.28.3.1 Features
• Key strength of 256-bits.
• The PUF constructs 256-bit strength device unique PUF root key using the digital fingerprint of a device
derived from SRAM and error correction data called Activation Code (AC). The Activation Code (AC) is
generated during enrollment process. The Activation Code (AC) should be stored on external non-volatile
memory device in the system.
• Generation, storage, and reconstruction of keys.
• Key sizes from 64 bits to 4096 bits.
• PUF controller allows storage of keys, generated externally or on chip, of sizes 64 bits to 4096 bits.
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
68 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com