Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC55S2X Datasheet(PDF) 87 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 83Page - NXP Semiconductors LPC55S2X Datasheet HTML 84Page - NXP Semiconductors LPC55S2X Datasheet HTML 85Page - NXP Semiconductors LPC55S2X Datasheet HTML 86Page - NXP Semiconductors LPC55S2X Datasheet HTML 87Page - NXP Semiconductors LPC55S2X Datasheet HTML 88Page - NXP Semiconductors LPC55S2X Datasheet HTML 89Page - NXP Semiconductors LPC55S2X Datasheet HTML 90Page - NXP Semiconductors LPC55S2X Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
Tamb = -40 °C to 105 °C; VBAT_DCDC = 1.8 V to 3.6 V; CL = 10 pF balanced loading on all pins; Input slew = 1.0 ns, SLEW
setting = standard mode for all pins; Parameters sampled at the 50% level of the rising or falling edge.
Symbol
Parameter
Conditions
Min
Typ[3]
Max
Unit
45%
-
55%
Tcyc
tWL
pulse width LOW
on pins I2Sx_TX_SCK and I2Sx_RX_SCK[4]
45%
-
55%
Tcyc
Master; 1.8 V ≤ VDD < 3.6 V
tv(Q)
data output valid time
on pin I2Sx_TX_SDA
[5]
5
-
15
ns
on pin I2Sx_WS
5
-
12
ns
tsu(D)
data input set-up time
on pin I2Sx_RX_SDA
[5]
4
-
-
ns
th(D)
data input hold time
on pin I2Sx_RX_SDA
[5]
0
-
-
ns
Slave; 1.8 V ≤ VDD < 3.6 V
tv(Q)
data output valid time
on pin I2Sx_TX_SDA
[5]
9
-
26
ns
on pin I2Sx_RX_SDA
[5]
4
-
-
ns
on pin I2Sx_WS
4
-
-
ns
tsu(D)
data input set-up time
on pin I2Sx_RX_SDA
[5]
0
-
-
ns
on pin I2Sx_WS
0
-
-
ns
th(D)
data input hold time
Table 34. Dynamic characteristics: I2S-bus interface pins[1][2]...continued
[1]
Based on simulation; not tested in production.
[2]
The Flexcomm Interface function clock frequency should not be above 48 MHz. See the data rates section in the I2S chapter (UM11126) to calculate clock
and sample rates.
[3]
Typical ratings are not guaranteed.
[4]
Based on simulation. Not tested in production.
[5]
Clock Divider register (DIV) = 0x0.
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
87 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com