Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7375-SC Datasheet(PDF) 104 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 104 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 100Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 101Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 102Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 103Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 104Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 105Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 106Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 107Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 108Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
88
9.14.11.1
Fig. 9.20 RMDRF and RMDRR Queues
RQB[31 :2 ] = Rx Queue Bas e r egi s t er
RMDRRQS [1 5 :0 ]
= RMDR Ready Queue S t ar t r egi s t er
RMDRRQW[1 5 :0 ] = RMDR Ready Queue Wr i t e r egi s t er
RMDRRQR[1 5 :0 ]
= RMDR Ready Queue Read r egi s t er
RMDRRQE[1 5 :0 ]
= RMDR Ready Queue End r egi s t er
Receive Management Descriptor (RMD) Referance Queues
Base Address:
Index Registers:
Managemnet Ready Queue:
Management Free Queue:
RMDRF QS [1 5 :0 ] = RMDR F r ee Queue S t ar t r egi s t er
RMDRF QW[1 5 :0 ] = RMDR F r ee Queue Wr i t e r egi s t er
RMDRF QR[1 5 :0 ] = RMDR F r ee Queue Read r egi s t er
RMDRF QE[1 5 :0 ] = RMDR F r ee Queue End r egi s t er
Base Address
+ Index Register
-------------------------
PCI Address
00
RQB[31:2]
Index[15:0]
+
AD[31:0]
Rx Management Des cr ipt or Reference Queue Memory Map
RQB
Bi t 0
Bi t 31
Stat us + RMDR
RMDR
Stat us + RMDR
Stat us + RMDR
Stat us + RMDR
St at us + RMDR
256KB
PCI Host Memory
RMDRRQS
RMDRRQW
RMDRRQR
RMDRRQE
RMDRF QS
RMDRF QW
RMDRF QR
RMDRF QE
St at us + RMDR
RMDR
RMDR
RMDR
RMDR
RMDR
RMD Reference Queues
00
Valid RMDR. Only the least
significant 16 bits are
valid.
Each queue element is a sixteen bit structure consisting of a RMDR and several
Status bits. Status bits are used by the RRM to indicate the type of cell passed to
the PCI Host. Please refer below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com