Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7375-SC Datasheet(PDF) 106 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 106 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 102Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 103Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 104Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 105Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 106Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 107Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 108Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 109Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 110Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
90
CLP
The CLP bit is the received CLP bit in the associated
cell header.
Status [7:0]
The Status field is used by the LASAR-155 to indicate
the status of the received packet. Below are the Status
field bit definitions. When the bit is logic one, the packet
has experienced the indicated condition.
Status[0] -
cell experienced congestion. Cell received
with PTI value 010 or 011.
Status[1] -
cell received with CLP=1.
Status[2] -
Unused.
Status[3] -
cell CRC-10 error.
Status[4] -
Unused.
Status[5] -
Unused.
Status[6] -
Unused.
Status[7] -
cell CRC-32 error.
RVC[6:0]
The Receive Virtual Connection Code (RVC[6:0]) bits
are used by the LASAR-155 to indicate which VC a
RMD is associated with. The RVC bits are constructed
from N (where N=0,1,2) bits of the Virtual Path Identifier
(VPI) and M (where M=7,6,5) bits of the Virtual Channel
Identifier. Selection of M and N are made using a COPS
register.
Receive Buffer
Size [15:0]
The Receive Buffer Size bits indicate the size in bytes of
the current RMD's data buffer. This field must be
configured by the PCI Host during initialization and must
be large enough to accommodate one cell (i.e. 48 or
more bytes).
Bytes in Buffer [15:0]
The Bytes in Buffer bits indicate the number of bytes
actually used in the current RMD's buffer to store cell
data. For RMDs, this value should be between 1 to 48
bytes.
Data Buffer Start
Address[31:0]
The Data Buffer Start Address bits are used as a pointer
to the buffer of the current RMD into PCI Host memory.
Note, Receive Buffers must be DWORD aligned. For
example, Data Buffer Start Address[1:0] is expected to
be set to 00 binary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com