Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP16502 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP16502
Description  High-Performance PMIC for SAMA5DX/SAM9X6/SAM9X7/SAMA7G Series MPUs
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16502 Datasheet(HTML) 2 Page - Microchip Technology

  MCP16502 Datasheet HTML 1Page - Microchip Technology MCP16502 Datasheet HTML 2Page - Microchip Technology MCP16502 Datasheet HTML 3Page - Microchip Technology MCP16502 Datasheet HTML 4Page - Microchip Technology MCP16502 Datasheet HTML 5Page - Microchip Technology MCP16502 Datasheet HTML 6Page - Microchip Technology MCP16502 Datasheet HTML 7Page - Microchip Technology MCP16502 Datasheet HTML 8Page - Microchip Technology MCP16502 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 86 page
background image
MCP16502
DS20006275D-page 2
 2019-2022 Microchip Technology Inc. and its subsidiaries
Package Types
4
6
5
3
SDA
2
1
15
16
9
10
11
12
21
19
20
22
23
24
32
31
30
27
26
25
nSTRTO
nINTO
LVIN
PWRHLD
SELVL1
nRSTO
EP
8
7
nSTRT
13
14
17
18
29
28
SGND
LOUT1
LOUT2
SVIN
SELV2
LPM
HPM
SCL
32-Pin 5 mm x 5 mm VQFN – Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com