Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP16502 Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP16502
Description  High-Performance PMIC for SAMA5DX/SAM9X6/SAM9X7/SAMA7G Series MPUs
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16502 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP16502 Datasheet HTML 35Page - Microchip Technology MCP16502 Datasheet HTML 36Page - Microchip Technology MCP16502 Datasheet HTML 37Page - Microchip Technology MCP16502 Datasheet HTML 38Page - Microchip Technology MCP16502 Datasheet HTML 39Page - Microchip Technology MCP16502 Datasheet HTML 40Page - Microchip Technology MCP16502 Datasheet HTML 41Page - Microchip Technology MCP16502 Datasheet HTML 42Page - Microchip Technology MCP16502 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 86 page
background image
 2019-2022 Microchip Technology Inc. and its subsidiaries
DS20006275D-page 39
MCP16502
REGISTER 4-3:
SYS-TMG: SYSTEM TIMING SETTINGS (0x02)
R/W-0
R/W-1
R/W-0
R/W-1
r-0
R/W-1
R/W-0
R/W-0
PBTO[1:0]
PBINTTO[1:0]
—
RSTDLY[2:0]
bit 7
bit 0
Legend:
r = Reserved bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
PBTO[1:0]: Push Button Time-out bits
Push button nSTRT time-out delay programming bits, default is ‘01’ (4 seconds).
bit 5-4
PBINTTO[1:0]: Push Button Interrupt Assertion Time-out Delay bits
Push button interrupt assertion time-out delay programming bits, default is ‘01’ (0.5 second).
bit 3
Reserved: Maintain as ‘0’
bit 2-0
RSTDLY[2:0]: nRSTO Deassertion Delay Programming bits
nRSTO deassertion delay programming bits (t4 in the start-up sequence), default is ‘100’ (16 ms).
REGISTER 4-4:
SYS-CFG: SYSTEM CONFIGURATION (0x03)
R/W-1
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
TSDMSK
TWRMSK
HPMPEN
AWKPDIS
FSD[1:0]
B1HCEN
USER
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
TSDMSK: Thermal Shutdown Masking bit
If this bit is ‘1’, it will prevent nINTO from being asserted low upon TSD = 1. Default is ‘1’ (Thermal
Shutdown (TSD) will not be flagged by nINTO).
bit 6
TWRMSK: Thermal Warning Masking bit
If this bit is ‘1’, it will prevent nINTO from being asserted low upon a Thermal Warning event. Default
is ‘1’ (Thermal Warning will not be flagged by nINTO).
bit 5
HPMPEN: High-Performance Mode Enable Pin bit
This bit must be set to ‘1’ through an I2C command in order to enable the HPM pin. If the bit is ‘0’,
setting the HPM pin high will have no effect on the power status state machine.
bit 4
AWKPDIS: Automatic Wake-up Pulse Disable bit
If this bit is set to ‘1’, it disables the generation of a wake-up pulse on pin nSTRTO before an automatic
start-up sequence after a Fault (Thermal Shutdown or hiccup with HCPEN = 0) occurred in Hibernate
mode.
bit 3-2
FSD[1:0]: Switching (Oscillator) Frequency Displacement bits
Default is ‘00’ (no displacement).
bit 1
B1HCEN: Buck1 Hysteretic Control Mode Enable bit
When set, this bit enables the Hysteretic Control mode for Buck1 in Auto-PFM operation.
bit 0
USER: User-Accessible bit
This bit an be used to store system information. It is volatile and is cleared with SVIN UVLO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com