Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP16502 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP16502
Description  High-Performance PMIC for SAMA5DX/SAM9X6/SAM9X7/SAMA7G Series MPUs
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16502 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP16502 Datasheet HTML 9Page - Microchip Technology MCP16502 Datasheet HTML 10Page - Microchip Technology MCP16502 Datasheet HTML 11Page - Microchip Technology MCP16502 Datasheet HTML 12Page - Microchip Technology MCP16502 Datasheet HTML 13Page - Microchip Technology MCP16502 Datasheet HTML 14Page - Microchip Technology MCP16502 Datasheet HTML 15Page - Microchip Technology MCP16502 Datasheet HTML 16Page - Microchip Technology MCP16502 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 86 page
background image
 2019-2022 Microchip Technology Inc. and its subsidiaries
DS20006275D-page 13
MCP16502
FIGURE 2-7:
Buck4 Efficiency vs. Load
Current (VOUT3 =1.8V).
FIGURE 2-8:
Switching Frequency vs.
Temperature – Active Mode (LPM = Low,
PWRHLD = High, HPM = Low).
FIGURE 2-9:
Buck3 Output Voltage vs.
Temperature – VOUT3 = 1.25V, Active Mode
(LPM = Low, PWRHLD = High, HPM = Low).
FIGURE 2-10:
MOSFET RDS(ON) vs.
Temperature.
FIGURE 2-11:
LDO1 Output Voltage vs.
Output Current and Temperature (Load
Regulation – VLOUT1 =3.3V).
FIGURE 2-12:
LDO2 Output Voltage vs.
Output Current and Temperature (VLOUT2 =1.8V).
0
10
20
30
40
50
60
70
80
90
100
0.1
1.0
10.0
100.0
1000.0
I
OUT (mA)
V
IN = 5V
FPWM
AUTO PFM
1.80
1.85
1.90
1.95
2.00
2.05
2.10
2.15
2.20
-40 -25 -10
5
20 35 50 65 80 95 110 125
Ambient Temperature (°C)
Buck1: V
OUT1 = 3.3V
V
IN = 5V
Buck2: V
OUT2 = 1.8V
V
IN = 3.6V
Buck3: V
OUT3 = 1.25V
V
IN = 3.3V
Buck1
Buck2
Buck3
1.230
1.235
1.240
1.245
1.250
1.255
1.260
-40 -25 -10
5
20 35 50 65 80 95 110 125
Ambient Temperature (°C)
V
OUT3 = 1.25V
V
IN = 5V
0.10
0.11
0.12
0.13
0.14
0.15
0.16
0.17
0.18
0.19
0.20
-40 -25 -10
5
20 35
50
65 80
95 110 125
Ambient Temperature (°C)
P-MOS
N-MOS
V
IN = 5V
3.260
3.265
3.270
3.275
3.280
3.285
3.290
3.295
3.300
3.305
3.310
0
50
100
150
200
250
300
Output Current (mA)
T
A = -40°C
T
A = 25°C
V
IN = 5V
T
A = 125°C
1.775
1.780
1.785
1.790
1.795
1.800
1.805
1.810
0
50
100
150
200
250
300
Output Current (mA)
T
A = -40°C
T
A = 25°C
V
IN = 5V
T
A = 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com