Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP16502 Datasheet(PDF) 80 Page - Microchip Technology

Part # MCP16502
Description  High-Performance PMIC for SAMA5DX/SAM9X6/SAM9X7/SAMA7G Series MPUs
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16502 Datasheet(HTML) 80 Page - Microchip Technology

Back Button MCP16502 Datasheet HTML 76Page - Microchip Technology MCP16502 Datasheet HTML 77Page - Microchip Technology MCP16502 Datasheet HTML 78Page - Microchip Technology MCP16502 Datasheet HTML 79Page - Microchip Technology MCP16502 Datasheet HTML 80Page - Microchip Technology MCP16502 Datasheet HTML 81Page - Microchip Technology MCP16502 Datasheet HTML 82Page - Microchip Technology MCP16502 Datasheet HTML 83Page - Microchip Technology MCP16502 Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 86 page
background image
MCP16502
DS20006275D-page 80
 2019-2022 Microchip Technology Inc. and its subsidiaries
B
A
0.15 C
0.15 C
0.10
C A B
0.05
C
(DATUM B)
(DATUM A)
C
SEATING
PLANE
NOTE 1
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
NOTE 1
1
2
N
0.10
C A B
0.10
C A B
0.10 C
0.08 C
Microchip Technology Drawing C04-21402 Rev A Sheet 1 of 2
2X
32X
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
32-Lead Very Thin Plastic Quad Flat, No Lead Package (S8B) - 5x5 mm Body [VQFN]
With 3.60 mm Exposed Pad; Atmel Legacy Global Package Code ZKV
A1
(A3)
A
D
E
D2
E2
K
32X b
L
e
e
2
1
2
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com