Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP16502 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP16502
Description  High-Performance PMIC for SAMA5DX/SAM9X6/SAM9X7/SAMA7G Series MPUs
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16502 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP16502 Datasheet HTML 4Page - Microchip Technology MCP16502 Datasheet HTML 5Page - Microchip Technology MCP16502 Datasheet HTML 6Page - Microchip Technology MCP16502 Datasheet HTML 7Page - Microchip Technology MCP16502 Datasheet HTML 8Page - Microchip Technology MCP16502 Datasheet HTML 9Page - Microchip Technology MCP16502 Datasheet HTML 10Page - Microchip Technology MCP16502 Datasheet HTML 11Page - Microchip Technology MCP16502 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 86 page
background image
MCP16502
DS20006275D-page 8
 2019-2022 Microchip Technology Inc. and its subsidiaries
Current Limit Frequency
Foldback VOUT1 Threshold
VTH_FFB1
—
500
—
mV
Hiccup Mode Short-Circuit
Protection Wait Time
tHICCUP
—
3x Soft
Start
Time
—
ms
Low-Side Negative Peak
Current Limit (FPWM)
ILIM_NEG1
-1.4
-1
-0.8
A
Zero Current Detection
Threshold
IZCD1
050
110
mA
Active
Discharge Resistance
RDISCH_OUT1
—25—
Ω
DISCH = 1, enabled when regulator is
disabled
Buck2, Buck3, Buck4
Input Operating Voltage
Range
VPVINx
2.7
—
5.5
V
Output Voltage Range
VOUTx
0.6
—
1.85
V
25 mV steps
Output Voltage Step
Vstep
—25—
mV
PVINx Shutdown Current
IPVINx_SHDN
—0.05
2
µA
Regulator disabled, PVINx = 5V
Operational Quiescent
Current, Auto-PFM (Note 2)
IQOP_PFMx
—45—
µA
IOUTx = 0 mA, Auto-PFM,
PWRHLD = LPM = 1, HPM = 0,
ΔIQ for one Buck activated
Output Voltage Accuracy,
FPWM
ACC_OUTPWMx
-1
—
+1
%
IOUTx = 0 mA, 0.9V ≤ VOUTx ≤ 1.3V
-1.5
—
+1.5
IOUTx =0 mA, VOUTx < 0.9V or
VOUTx > 1.3V
Output Voltage Accuracy,
Auto-PFM
ACC_OUTPFMx
-1
—
+1
%
IOUTx = 0 mA, 0.9V ≤ VOUTx ≤ 1.3V
-1.5
—
+1.5
IOUTx =0 mA, VOUTx < 0.9V or
VOUTx > 1.3V
Output Voltage Line
Regulation (Note 2)
LINE_REGPWMx
—0.03—
%
IOUT1 =0 mA, FPWM,
VIN =PVIN1 =SVIN=3.6V to 5.5V
LINE_REGPFMx
—0.07—
IOUT1 = 0 mA, Auto-PFM,
VIN =PVIN1 =SVIN=3.6V to 5.5V
Output Voltage Load
Regulation (Note 2)
LOAD_REGPWMx
—0.3
—
%
IOUTx = 0A to 1A, FPWM
LOAD_REGPFMx
—0.5
—
IOUTx = 0A to 1A, Auto-PFM
Switching Frequency
fsw
1.8
2
2.2
MHz
FPWM, FSD[1:0] = 00, 01
Switching Frequency
Displacement
FSD_10
—
-16.5
—
%
FPWM, FSD[1:0] = 10
FSD_11
—
16.5
—
%
FPWM, FSD[1:0] = 11
Maximum Duty Cycle
DMAX
100
—
—
%
Functionality test
Minimum ON Time
TON_MINx
—35—
ns
FPWM
High-Side Switch
On-Resistance
RDSonPx
—
140
160
mΩ
PVINx = SVIN = 3.6V
Low-Side Switch
On-Resistance
RDSonNx
—
120
140
mΩ
PVINx = SVIN = 3.6V
POK (Power OK) Threshold
POK_THx
90
92.5
95
%
OUTx rising, % of VOUTx(NOM)
POK Hysteresis
POK_HYSx
—
4
—
%
OUTx falling, % of VOUTx(NOM)
AC/DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise specified: TA =TJ =+25°C; VIN =SVIN= PVINx = LVIN =5V; L1 =L2=L3 =L4 = 2.2 µH;
COUT1, COUT2,, COUT3, COUT4 =22µF. Boldface type applies for junction temperatures TJ of -40°C to +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Maximum limit for TJ = -40°C to +105°C based on characterization data.
2:
Not production tested.
3:
Typical value from bench characterization, maximum value production tested.
4:
Input filters on the SDA and SCL inputs suppress noise spikes of less than 50 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com