Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP16502 Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP16502
Description  High-Performance PMIC for SAMA5DX/SAM9X6/SAM9X7/SAMA7G Series MPUs
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16502 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP16502 Datasheet HTML 25Page - Microchip Technology MCP16502 Datasheet HTML 26Page - Microchip Technology MCP16502 Datasheet HTML 27Page - Microchip Technology MCP16502 Datasheet HTML 28Page - Microchip Technology MCP16502 Datasheet HTML 29Page - Microchip Technology MCP16502 Datasheet HTML 30Page - Microchip Technology MCP16502 Datasheet HTML 31Page - Microchip Technology MCP16502 Datasheet HTML 32Page - Microchip Technology MCP16502 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 86 page
background image
 2019-2022 Microchip Technology Inc. and its subsidiaries
DS20006275D-page 29
MCP16502
FIGURE 4-9:
Entering Hibernate Mode
Timing Diagram.
From the Hibernate state, the system can:
1.
Move to OFF state (if LPM also goes low, the
VOUT2 can be immediately turned off); or
2.
Initiate another start-up sequence (with the
exception of Buck2 which is already active and
has its SEQEN = 1) by a low-to-high transition of
PWRHLD.
The timing diagram of a start-up sequence from Hibernate
mode is shown in Figure 4-10. After the assertion of
PWRHLD, the MPU may deassert LPM at any time. Due
to internal filtering, simultaneous transition of LPM and
PWRHLD is allowed (hold time t5 can be 0 µs).
Depending on the time at which LPM is deasserted, the
MCP16502 may transition through the Low-Power
state or not.
FIGURE 4-10:
Start-Up Sequence Exiting
Hibernate Mode Timing Diagram.
Similar to Buck2, any other regulator defined as ON
state in the Hibernate state with its bit SEQEN = 1, will
not be turned off when exiting the Hibernate state for a
new start-up sequence.
If the regulator is defined as ON state in the Hibernate
state, but its bit SEQEN = 0, it will be turned off as soon
as the new start-up sequence is initiated.
In conclusion, for a regulator to stay turned on
continuously from the Hibernate state throughout the
new start-up sequence, two conditions must be
satisfied:
1.
The regulator is set as ON in the Hibernate
state.
2.
SEQEN bit = 1.
VIN
VDDIO
(VOUT1)
PWRHLD
VDDIODDR
(VOUT2)
VDDCORE
(VOUT3)
nRSTO
time
t5
t6
LPM
VDDCPU
(VOUT4)
Where:
t5 = Setup time, LPM = 1 to PWRHLD = 0:
Min. 0 µs (internal filtering applies)
t6 = Delay from PWRHLD deasserted to
nRSTO asserted: Min. 0 µs,
max. 10 µs (not a strict requirement)
t7 = Delay from nRSTO asserted to first
VOUTX turn-off: Min. 0 µs, max. 10 µs
(not a strict requirement)
Note:
Upon exit of Hibernate mode, Buck2 is not
part of the sequence because it is already
turned on (being in Auto-PFM mode) and
its SEQEN = 1. However, also depending
on the instant at which the MPU deasserts
LPM, it can toggle to FPWM mode at the
time nRSTO is deasserted.
VIN
VDDIO
(VOUT1)
PWRHLD
VDDIODDR
(VOUT2)
VDDCORE
(VOUT3)
nRSTO
time
t3
LPM
Hibernate
Low Power
Active
Power
State
VDDCPU
(VOUT4)
t5
Where:
t1 = Delay from PWRHLD asserted to first
supply VOUT1 starting (SEQ[1:0] = 00,
default DELAY[2:0] = 001; i.e., 0.5 ms)
t3 = Time from VOUT1 established to VOUT3,
VOUT4 starting (SEQ[1:0] = 10, default
DELAY[2:0] = 100; i.e., 4 ms)
t4 =Time from VOUT3, VOUT4 established to
nRSTO deassertion (default
RSTDLY[2:0] = 100; i.e., 16 ms)
t5 = Minimum hold time, PWRHLD = 1 to
LPM = 0: Min. 0 µs (internal filtering
applies)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com