Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP16502 Datasheet(PDF) 72 Page - Microchip Technology

Part # MCP16502
Description  High-Performance PMIC for SAMA5DX/SAM9X6/SAM9X7/SAMA7G Series MPUs
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16502 Datasheet(HTML) 72 Page - Microchip Technology

Back Button MCP16502 Datasheet HTML 68Page - Microchip Technology MCP16502 Datasheet HTML 69Page - Microchip Technology MCP16502 Datasheet HTML 70Page - Microchip Technology MCP16502 Datasheet HTML 71Page - Microchip Technology MCP16502 Datasheet HTML 72Page - Microchip Technology MCP16502 Datasheet HTML 73Page - Microchip Technology MCP16502 Datasheet HTML 74Page - Microchip Technology MCP16502 Datasheet HTML 75Page - Microchip Technology MCP16502 Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 86 page
background image
MCP16502
DS20006275D-page 72
 2019-2022 Microchip Technology Inc. and its subsidiaries
5.0
APPLICATION INFORMATION
5.1
Recommended External
Components
Table 5-1 lists possible part numbers that can be used in
the MCP16502 application. Please refer to the “Typical
Application
Circuit”
section
for
component
designators’ reference.
TABLE 5-1:
RECOMMENDED EXTERNAL COMPONENTS
Item
Part Number
Manufacturer
Description
C1-C4
C1608X5R1A226M080AC TDK Corporation
Capacitor, 22 µF, 6.3V/10V, X5R, 20%, Size 0603
GRM188R61A226ME15D
Murata Electronics®
C1608X5R0J226M080AC
TDK Corporation
GRM188R60J226MEA0
Murata Electronics
JMK107BBJ226MA
Taiyo Yuden Co., Ltd.
CL10A226MQ8NRNC
Samsung Electro-Mechanics
America, Inc.
06036D226MAT2A
AVX Corporation
C5-C8,
C10-C11 (for 300 mA
max. LDO current),
C12
C1005X5R1A475M050BC TDK Corporation
Capacitor, 4.7 µF, 10V, X5R, 10%/20%, Size 0402
GRM155R61A475MEAA
Murata Electronics
LMK105BBJ475MV
Taiyo Yuden Co., Ltd.
CL05A475M(K)P5NRNC
Samsung Electro-Mechanics
America, Inc.
0402ZD475MAT2A
AVX Corporation
C9,
C10-C11 (for 150 mA
max. LDO current)
C1005X5R1A225K050BC
TDK Corporation
Capacitor, 2.2 µF, 10V/16V, X5R, 10%, Size 0402
GRM155R61C225KE11
Murata Electronics
LMK105BJ225KV
Taiyo Yuden Co., Ltd.
CL05A225KP5NSNC
Samsung Electro-Mechanics
America, Inc.
0402ZD225KAT2A
AVX Corporation
R1
RC0402KR-07100KL
Yageo Corporation
Resistor, 100 kΩ, 5%, Size 0402
R2-R3
RC0402KR-0710K0L
Yageo Corporation
Resistor, 10 kΩ, 5%, Size 0402
R4-R5
RC0402KR-072K20L
Yageo Corporation
Resistor, 2.2 kΩ, 5%, Size 0402
L1, L2, L3, L4
MLP2520W1R5MT0S1
TDK Corporation
1.5 µH, 1.8A, 75 mΩ, Size 2520, Multilayer Ferrite
LQM2HPN1R5MGH
Murata Electronics
1.5 µH, 1.6A, 65 mΩ, Size 2520, Multilayer Ferrite
VLS252012CX-1R5M
TDK Corporation
1.5 µH, 2.3A, 62 mΩ, Size 2520,
Wirewound Ferrite
LQH2HPN1R5MGR
Murata Electronics
1.5 µH, 1.85A, 87 mΩ, Size 2520,
Wirewound Ferrite
CDPH28D11FNP-1R5MC
Sumida Corporation
1.5 µH, 1.74A, 69 mΩ, Size 3.0 mm x 3.2 mm,
Wirewound Ferrite
DFE252012P-1R5M=P2
Murata Electronics
1.5 µH, 2.6A, 60 mΩ Max, Size 2520, Metal Alloy
DFE252012P-2R2M=P2
Murata Electronics
2.2 µH, 2.2A, 84 mΩ Max, Size 2520, Metal Alloy
VLS252012HBX-1R5M-1
TDK Corporation
1.5 µH, 2.5A, 68 mΩ, Size 2520, Metal Alloy
VLS252012HBX-2R2M-1
TDK Corporation
2.2 µH, 2.04A, 85 mΩ, Size 2520, Metal Alloy
74438324015
Würth Elektronik
1.5 µH, 2.2A, 82 mΩ, Size 2520, Metal Alloy
74438324022
Würth Elektronik
2.2 µH, 1.6A, 123 mΩ, Size 2520, Metal Alloy
74404024015
Würth Elektronik
1.5 µH, 1.9A, 65 mΩ, Size 2520,
Wirewound Ferrite
74405024022
Würth Elektronik
2.2 µH, 1.6A, 100 mΩ, Size 2520,
Wirewound Ferrite



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com