Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP16502 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP16502
Description  High-Performance PMIC for SAMA5DX/SAM9X6/SAM9X7/SAMA7G Series MPUs
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16502 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP16502 Datasheet HTML 17Page - Microchip Technology MCP16502 Datasheet HTML 18Page - Microchip Technology MCP16502 Datasheet HTML 19Page - Microchip Technology MCP16502 Datasheet HTML 20Page - Microchip Technology MCP16502 Datasheet HTML 21Page - Microchip Technology MCP16502 Datasheet HTML 22Page - Microchip Technology MCP16502 Datasheet HTML 23Page - Microchip Technology MCP16502 Datasheet HTML 24Page - Microchip Technology MCP16502 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 86 page
background image
 2019-2022 Microchip Technology Inc. and its subsidiaries
DS20006275D-page 21
MCP16502
4.3.4
PWRHLD, LPM, HPM AND POWER
STATES DEFINITIONS
PWRHLD, LPM and HPM define different power states
which are illustrated in Table 4-2. These are default
definitions for the targeted typical application scenario
of the SAMA5D2 MPU when powering LPDDR2 DDR
memories (MCP16502AC), and therefore, may be
different for other application configurations and product
variants.
The logic value of the HPM input pin is masked
(processed by the internal logic as ‘0’) until a specific
I2C command is issued (HPMEN bit must be set to ‘1’),
because HPM is a generic GPIO with a status at the
MPU power-up time that can be undefined.
After the software has issued the unmask HPM
command through I2C, it is safe to assume that the
HPM status is well defined and the HPM signal can be
used to enter and exit the High-Performance mode.
Other logic combinations of PWRHLD, LPM and HPM
(occurring after the HPM unmasking) are forbidden.
The initial state is the OFF state (shutdown).
The process by which the MCP16502 abandons the
OFF state and enters the other possible power states is
defined as the power-up sequence, which is described
in Section 4.4.1 “Typical Power-up Sequence and
Timing”. The following state diagram in Figure 4-2 illus-
trates the power states of MCP16502 and their typical
and/or permissible dynamic transitions.
TABLE 4-2:
DEFAULT POWER STATES DEFINITION (MCP16502AC)
PWRHLD LPM HPM
Buck1
Buck2
Buck3
Buck4
LDO1 LDO2 nRSTO
Power State
00
0
OFF
OFF
OFF
OFF
OFF
OFF
Low
OFF
01
0
OFF
ON
Auto-PFM
OFF
ON
Auto-PFM
OFF
OFF
Low
Hibernate mode
11
0
ON
Auto-PFM
ON
Auto-PFM
ON
Auto-PFM
ON
Auto-PFM
ON
OFF
High-Z Low-Power mode
10
0
ON
FPWM
ON
FPWM
ON
FPWM
ON
FPWM
ON
OFF
High-Z Active
10
1
ON
FPWM
ON
FPWM
ON
FPWM
ON
FPWM
ON
OFF
High-Z High-Performance
Active (only for
SAMA7G5, not used
by SAMA5D2,
SAM9X6, SAM9X7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com