Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP16502 Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP16502
Description  High-Performance PMIC for SAMA5DX/SAM9X6/SAM9X7/SAMA7G Series MPUs
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16502 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP16502 Datasheet HTML 18Page - Microchip Technology MCP16502 Datasheet HTML 19Page - Microchip Technology MCP16502 Datasheet HTML 20Page - Microchip Technology MCP16502 Datasheet HTML 21Page - Microchip Technology MCP16502 Datasheet HTML 22Page - Microchip Technology MCP16502 Datasheet HTML 23Page - Microchip Technology MCP16502 Datasheet HTML 24Page - Microchip Technology MCP16502 Datasheet HTML 25Page - Microchip Technology MCP16502 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 86 page
background image
MCP16502
DS20006275D-page 22
 2019-2022 Microchip Technology Inc. and its subsidiaries
FIGURE 4-2:
Finite State Machine (FSM) States Diagram for MCP16502AC.
4.3.5
SELVL1 AND SELV2 PINS
SELVL1 and SELV2 pins are meant to program the
default settings of some rails that must be activated
during the power-up sequence, but whose voltage
values are application-dependent. These are LDO1 and
Buck2, the latter being dedicated to DDRx/LPDDRx
power.
The default values are selectable among three options,
corresponding to three different states of the relevant
pin: connected to ground (Low), connected to input
supply (High) or left unconnected (High-Z).
The LDO1 default voltage can be selected by means of
the SELVL1 pin as follows:
The Buck2 default voltage can be selected by means of
the SELV2 pin as follows:
TABLE 4-4:
VOUT2 DEFAULT VOLTAGE
VS. SELV2 PIN
The statuses of SELVL1 and SELV2 are frozen in a snap-
shot as soon as the SVIN voltage exceeds the turn-on
Undervoltage Lockout Threshold (UVLO) as specified in
the “Electrical Characteristics” table. Any changes of
the SELVL1 and SELV2 pins will have no effect after the
snapshot, and SVIN must fall under the turn-off (lower)
UVLO threshold to unfreeze the snapshot.
OFF
All Bucks are Off
VIN > UVLO
Start Event
(nSTRT Pulled Low)
Start-up
Sequence
- nRSTO =
0
Active
All Bucks in FPWM
- nRSTO =
1
PWRHLD =
1
and LPM =
0
PWRHLD =
1
and LPM =
0
Low-Power
All Bucks in Auto-PFM
- nRSTO =
1
PWRHLD =
1
and LPM =
1
PWRHLD =
0
and LPM =
0
PWRHLD =
1
and LPM =
1
HIBERNATE
Buck2,4 in Auto-PFM
Buck1, Buck3 Off
- nRSTO =
0
PWRHLD =
0
and LPM =
1
PWRHLD =
0
and LPM =
1
PWRHLD
Low-to-High
Transition
LPM = Don’t Care
PWRHLD =
0
and LPM =
0
PWRHLD =
1
and LPM =
0
High-Performance
Active
- Buck Regulators
Programmed by I
2C
Settings
- nRSTO =
1
PWRHLD =
1
and HPM =
1
and LPM =
0
PWRHLD =
1
and HPM =
0
LPM =
0
PWRHLD =
0
and LPM =
0
PWRHLD
Low-to-High
Transition
- HPM Pin Logic State Detection Requires
Unmasking I
2C Command (HPMPEN =
1)
- HPM =
x (internally seen as ‘0’) Before
Unmasking
PWRHLD =
0
and LPM =
0
HPM = Don’t Care
PWRHLD =
0
and LPM =
1
HPM = Don’t Care
PWRHLD =
1
and LPM =
1
PWRHLD =
0
and LPM =
1
PWRHLD =
1
and HPM =
0
and LPM=
1
Blue Dashed Paths
Indicate Power State
Transitions which are
Possible for the
MCP16502, but not Used
in Typical MPU Applications
TABLE 4-3:
VLOUT1 VOLTAGE VS. SELVL1
PIN
SELVL1 Status
VLOUT1 Voltage
Low
1.8V
High-Z
2.5V
High
3.3V
SELV2 Status
VOUT2 Voltage
DDR Type
Low
1.2V
LPDDR2,
LPDDR3
High-Z
1.35V
DDR3L
High
1.8V
DDR2
Note:
SELVL1 and SELV2 are always hardwired
in the final application and they cannot be
changed on-the-fly during operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com