Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP16502 Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP16502
Description  High-Performance PMIC for SAMA5DX/SAM9X6/SAM9X7/SAMA7G Series MPUs
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16502 Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP16502 Datasheet HTML 45Page - Microchip Technology MCP16502 Datasheet HTML 46Page - Microchip Technology MCP16502 Datasheet HTML 47Page - Microchip Technology MCP16502 Datasheet HTML 48Page - Microchip Technology MCP16502 Datasheet HTML 49Page - Microchip Technology MCP16502 Datasheet HTML 50Page - Microchip Technology MCP16502 Datasheet HTML 51Page - Microchip Technology MCP16502 Datasheet HTML 52Page - Microchip Technology MCP16502 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 86 page
background image
 2019-2022 Microchip Technology Inc. and its subsidiaries
DS20006275D-page 49
MCP16502
REGISTER 4-17:
OUT1-CFG: BUCK1 CONFIGURATION (0x15)
R/W-1
R/W-0
R/W-1
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
FLTMSK
HCPEN
DISCH
PHASE
DVSR[1:0]
REN
RCON
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
FLTMSK: Fault Masking bit
If this bit is ‘1’, it will prevent nINTO from being asserted low upon FLT = 1.
bit 6
HCPEN: Short-Circuit Protection Hiccup Mode Enable bit
If HCPEN = 1, a short-circuit event will cause a Hiccup mode response with unlimited soft start
retries, without shutting down the other channels.
If HCPEN = 0, a short-circuit event on the channel will cause immediate shutdown of ALL channels
and a new start-up sequence will automatically be attempted after a 100 ms delay.
bit 5
DISCH: Active Output Discharge Control bit
DISCH = 1 enables active output discharge when channel is turned off; DISCH = 0 disables it.
bit 4
PHASE: Regulator Phase Control bit
Set bit to ‘1’ for regulator to operate 180° out of phase with the oscillator; clear bit to ‘0’ for regulator
to operate in phase with the oscillator.
bit 3-2
DVSR[1:0]: Dynamic Voltage Scaling Rate bits
Dynamic Voltage Scaling rate programming bits.
bit 1
REN: Register Enable bit
Used in combination with RCON. If RCON = 0, the value of REN has no effect. If RCON = 1, setting
REN = 1 enables channel and REN = 0 disables it, regardless of the current status.
Mode of operation (FPWM or Auto-PFM) is still controlled by the MODE bits.
bit 0
RCON: Register Enable Control bit
Used in combination with the REN bit.
REGISTER 4-18:
OUT2-A: BUCK2 ACTIVE MODE (0x20)
R/W-1
R/W-1
R/W(1)
R/W(1)
R/W(1)
R/W(1)
R/W(1)
R/W(1)
EN
MODE
VSET[5:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
EN: Enable in Active Status bit
If EN = 0, the regulator is enabled.
bit 6
MODE: Mode in Active Status bit
If MODE = 1, then the Buck will run in FPWM, else if MODE = 0, then the Buck will run in Auto-PFM.
bit 5-0
VSET[5:0]: Output Voltage Selection for Active Status bits
Default is pin-selectable.
Note 1: Default is pin-selectable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com