Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC9624DP Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # RC9624DP
Description  Single Device Data/Fax Modem Data Pump
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RC9624DP Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button RC9624DP Datasheet HTML 9Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 10Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 11Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 12Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 13Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 14Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 15Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 16Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
RC96V24DP
2.0 Hardware Interface
Single Device Data/Modem Data Pump
D96V24DSA
2-3
Figure 2-2. RC9623DP Pin Signals
Table 2-1. RC9623DP Modem Device Pin Signals
Pin Number
Signal Name
I/O Type
1RS2
IA
2RS1
IA
3RS0
IA
4
TEST1
5
SLEEP
OA
6RING
7EYEY
OB
8EYEX
OB
9
EYESYNC
OB
10
RESET
ID
11
XTLI
IE
12
XTLO
OB
13
+5VD
14
GP18
OA
RESET
XTAI
XTALP
+5VD
GP18
GP16
XTCLK
DGND1
TXD
TDCLK
TRSTO
TSTBO
TDACO
RADCI
RAGCO
MODEO
RSTBO
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
D2
D3
D4
D5
D6
D7
DGND2
SPKR
+5VA
MODEI
TSTBI
TRSTI
TDACI
RADCO
RRSTI
RSTBI
NC
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com