Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC9624DP Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # RC9624DP
Description  Single Device Data/Fax Modem Data Pump
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RC9624DP Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button RC9624DP Datasheet HTML 17Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 18Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 19Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 20Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 21Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 22Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 23Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 24Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
3-1
D96V24DSA
3.0 Software Interface
3.1 Interface Memory
The DSP communicates with the host by means of a dual-port, interface memory
The interface memory in the DSP contains thirty-two 8-bit registers, labeled
register 00 through 1F. Each register can be read from, or written into, by both the
host and the DSP. The host communicates with the DSP interface memory via the
microprocessor bus.
The host can control modem operation by writing control bits to DSP interface
memory and writing parameter values to DSP RAM through the interface
memory. The host can monitor modem operation by reading status bits from DSP
interface memory and reading parameter values from DSP RAM through
interface memory.
3.2 Interface Memory Map
A memory map of DSP interface memory identifying the contents of the 32
addressable registers is shown in Table 3-1. These 8-bit registers may be read or
written during any host read or write cycle. In order to operate on a single bit or
group of bits in a register, the host must read a register then mask out unwanted
data. When writing a single bit or group of bits in a register, the host must
perform a read-modify-write operation. That is, the host must read the entire
register, set or reset the necessary bits without altering the other register bits, then
write the unaffected and modified bits back into the interface memory register.
3.3 Interface Memory Bit Functions
Table 3-2 summarizes the functions of the individual bits in the interface memory.
Bits in the interface memory are referred to using the format Z:Q. The register
number is denoted by Z (00 through iF) and the bit number is located by Q (0
through 7, where 0 = LSB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com