Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC9624DP Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # RC9624DP
Description  Single Device Data/Fax Modem Data Pump
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RC9624DP Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button RC9624DP Datasheet HTML 5Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 6Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 7Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 8Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 9Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 10Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 11Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 12Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
RC96V24DP
1.0 Functional Description
Single Device Data/Modem Data Pump
1.2 Technical Specifications
D96V24DSA
1-7
1.2.7.1 Power and
Environmental
Requirements
The power requirements are specified in Table 1-4. The environmental
specifications are listed in Table 1-5.
Table 1-4. Modem Power Requirements
Voltage
Mode
Current (Typ)
@ 25°C
Current (Max)
@ 0°C
5VDC ±5%
Operating
60 mA
90 mA
Sleep
3 mA
4.5 mA
Note:
Input voltage ripple
≤ 0.1 volts peak-to-peak. The amplitude of any frequency
between 20 kHz and 150 kHz must be less than 500 microvolts peak.
Table 1-5. Modem Environmental Specifications
Parameter
Specification
Temperature
Operating
0º C to 70º C (32º F to 158º F)
Storage
-40º C to 80º C (-40º F to 176º F)
Relative Humidity
Up to 90% noncondensing, or a
wet bulb temperature up to 35º C,
whichever is less.
Altitude
-200 feet to +10,000 feet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com