Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC9624DP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RC9624DP
Description  Single Device Data/Fax Modem Data Pump
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RC9624DP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RC9624DP Datasheet HTML 1Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 2Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 3Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 4Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 5Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 6Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 7Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 8Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
RC96V24DP
Single Device Data/Fax Modem Data Pump
The Rockwell RC96V24DP is a low power, V.22 bis 2400 bps data/fax modem
data pump in a single VLSI package. The RC2324DPL is identical to the
RC96V24DP except fax modes are not provided. In this document, all
references to the RC96V24DP also apply to the RC2324DPL except for the fax
modes and as otherwise noted.
The modem operates over the public switched telephone network (PSTN), as
well as on point-to-point leased lines.
The modem supports data modes meeting the requirements specified in
CCITT recommendations V.22 bis, V.22, V.23, and V.21, as well as Bell 212A and
Bell 103.
The modem supports fax modes meeting the requirements specified in
CCITT V.29, V.27 ter, and V.21 channel 2 synchronous.
Internal HDLC support eliminates the need for an external serial input/output
(SIO) device or comparable functions in the host controller in products
incorporating error correction and T.30 protocols.
The modem includes two CMOS VLSI functions – a digital signal processor
(DSP) and an integrated analog function (IA). The RC96V24DP integrates these
functions into a single 68-pin plastic leaded chip carrier (PLCC).
Detailed hardware and software interface information is described in the
Designer's Guide (Order No. 822).
Functional Block Diagram
RC96V24DP
MODEM
DEVICE
TELEPHONE
LINE
INTERFACE
SPEAKER
AMPLIFIER
(OPTIONAL)
EYE
PATTERN
GENERATOR
(OPTIONAL)
HOST
PARALLEL
BUS
INTERFACE
(17)
SERIAL
INTERFACE
(5)
2
2
4
Product Features
•
Single CMOS VLSI device
•
Low power requirements
– Single voltage: + 5 Vdc ±5%
– Operating: 300 mW (typical)
– Sleep: 15 mW (typical)
•
2-wire operation
– Full- duplex (FDX) for data modes
– Half-duplex (HDX) for fax modes
•
Data configurations:
– V.22 bis, V.22, V.23, V.21
– Bell 212A, Bell 103
•
Fax configurations (RC96V24DP):
– V.29, V.27 ter, V.21 Channel 2
•
Voice mode
•
DTMF detection
•
Receive dynamic range: -9 dBm to -43 dBm
•
Transmit level: -10 dBm ±1 dB using internal
hybrid circuit; attentuation selectable in 1 dB
steps
•
Multi-mode data/fax detection support
•
V.22 bis fallback/fall-forward -2400/1200 bps
•
Serial data: synchronous and asynchronous
•
Parallel data: synchronous (including HDLC)
and asynchronous
•
Programmable ring detect
•
Programmable dialer
•
Programmable tone detect bandpass filters
•
Adjustable speaker output to monitor
received signal
•
Diagnostics
•
Host bus interface memory for
configuration, control, and parallel data;
8086 microprocessor bus compatible
•
5-pin serial data interface; TTL compatible
•
Equalization
– Adaptive equalizer in receiver
– Selectable and programmable fixed
compromise equalizers in both receiver
and transmitter
•
Loopback configurations
– Local analog, local digital, and remote
digital
•
Answer and originate handshake in data
modes
•
Training sequences for fax modes
•
Leased line operation
D96V24DSA


Similar Part No. - RC9624DP

ManufacturerPart #DatasheetDescription
logo
Soshin electric Co., Lt...
RC9129ZZ SOSHIN-RC9129ZZ Datasheet
183Kb / 2P
Ferrite core with U-shape metal fitting for installation
logo
List of Unclassifed Man...
RC9400 ETC-RC9400 Datasheet
317Kb / 15P
MinFlexiNeck Mag light
logo
Wall Industries,Inc.
RC9D12-100NH WALL-RC9D12-100NH Datasheet
505Kb / 6P
1 Watt DC/DC Power Converters
RC9D12-112NH WALL-RC9D12-112NH Datasheet
505Kb / 6P
1 Watt DC/DC Power Converters
RC9D12-150NH WALL-RC9D12-150NH Datasheet
505Kb / 6P
1 Watt DC/DC Power Converters
More results

Similar Description - RC9624DP

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7564-01 OKI-MSM7564-01 Datasheet
198Kb / 28P
A Single Chip 14.4 kbps Data & Fax Modem
logo
STMicroelectronics
ST75C520 STMICROELECTRONICS-ST75C520 Datasheet
382Kb / 45P
HIGH SPEED FAX MODEM DATA PUMP
Jun-1995
logo
Sanyo Semicon Device
LC89210 SANYO-LC89210 Datasheet
199Kb / 10P
High-speed fax modem data pump
logo
List of Unclassifed Man...
DM336P ETC-DM336P Datasheet
341Kb / 40P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
XE3386L ETC-XE3386L Datasheet
58Kb / 16P
Compact 33,600 BPS Data and Fax Modem
RCV336DPEL ETC1-RCV336DPEL Datasheet
1Mb / 17P
V.34 Data V.17 Fax, AudioSpan, Voice, Speakerphone, Modem Data Pump
RCV336DPI ETC1-RCV336DPI Datasheet
992Kb / 14P
V.34 Data V.17 Fax, Modem Data Pump
DM560P ETC1-DM560P Datasheet
242Kb / 43P
V.90 Integrated Data/Fax/Voice/Speakerphone Modem Device Set
logo
CML Microcircuits
FX949 CMLMICRO-FX949 Datasheet
624Kb / 25P
CDPD Wireless Modem Data Pump
logo
PHOENIX CONTACT
100500 PHOENIX-100500 Datasheet
323Kb / 7P
PSI-DATA/FAX-MODEM/RS232
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com