Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC9624DP Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RC9624DP
Description  Single Device Data/Fax Modem Data Pump
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RC9624DP Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RC9624DP Datasheet HTML 1Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 2Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 3Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 4Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 5Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 6Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 7Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 8Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
1.0 Functional Description
RC96V24DP
1.2 Technical Specifications
Single Device Data/Modem Data Pump
1-2
D96V24DSA
1.2.4 Tone Detection
Answer Tone and Call Progress Tones:
Tones can be detected as follows:
•
Call progress frequency range: 340 ±5 Hz to 640 ±5HZ
•
Answer tone frequency ranges: CCITT (2100 ±15Hz), Bell (2225 ±10 Hz),
or Bell FSK originate tone (1270 ±10 Hz)
•
Detection range: -9 dBm to -43 dBm
•
Default detection threshold: -43 dBm
•
Response time: 75 ±2 ms
•
The passband and tone detect threshold can be changed in DSP RAM.
V.23 and V21 Tones:
Tones can be detected as follows:
•
V.23 forward channel mark: 1300 ±10 Hz
•
V.23 backward channel mark: 390 ±10 Hz
•
V.21 high band mark (1650 ±10 Hz) or low band mark (980 ±10 Hz)
•
Detection range: -9 dBm to -43 dBm
•
Default detection threshold: -43 dBm
•
Response time: 25 ± 2 ms
The passbands and tone detect thresholds can also be changed in the DSP
RAM.
1.2.4.1 DTMF Detection
The modem can detect a valid DTMF tone pair (indicated by DTDET) and load a
corresponding hexadecimal code into the modem interface memory (DTDIG).
1.2.4.2 Equalizers
Equalization functions are incorporated that improve performance when
operating over low quality lines.
Automatic Adaptive Equalizer.
An automatic adaptive equalizer in the receiver
compensates for transmission line amplitude and group delay distortion.
Updating of the taps can be enabled or disabled (EQFZ bit). The equalizer taps
can also be reset (EQRES bit).
Fixed Compromise Equalizers.
Fixed compromise equalizers are provided in
the transmitter and receiver. The equalizers are programmable in DSP RAM.
1.2.4.3 Transmit Level
The transmitter output level is -10 dBm ±1 dB using the internal hybrid circuit.
The attentuation is selectable from 0 dBm to -15 dBm in 1 dB steps (TLVL bits).
1.2.4.4 Transmit Timing
Transmitter timing is selectable between internal (±0.01%), external, or loopback
(TXCLK bits). When external clock is selected, the external clock rate must equal
the desired data rate ±0.01% with a duty cycle of 50 ±20%.
1.2.4.5 Scrambler/
Descrambler
The modem incorporates a self-synchronizing scrambler/descrambler satisfying
the applicable CCITT or Bell requirement. The scrambler and descrambler can be
enabled or disabled (SDIS and DDIS bits, respectively).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com