Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC9624DP Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RC9624DP
Description  Single Device Data/Fax Modem Data Pump
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RC9624DP Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RC9624DP Datasheet HTML 1Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 2Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 3Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 4Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 5Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 6Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 7Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 8Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
1-1
D96V24DSA
1.0 Functional Description
1.1 Overview
The Rockwell RC96V24DP is a low power, V.22 bis 2400 bps data/fax modem
data pump in a single VLSI package.
1.2 Technical Specifications
1.2.1 Configurations And Rates
The selectable modem configurations, along with the corresponding signaling
(baud) rates and data rates, are listed in Table 1-1 (CONF bits).
Note: Bit names refer to control or status bits in DSP interface memory which
are set or reset by the host processor (see Table 3-1 and Table 3-2).
1.2.2 Data Encoding
The data encoding conforms to CCITT recommendations V.29, V.27 ter, V.22 bis,
V.22, V.23, or V.21, or to Bell 212A or 103, depending on the selected
configuration.
1.2.3 Tone Generation
Answer Tone: A CCITT (2100 ±15 Hz) or Bell (2225 ±10 Hz) answer tone can
be generated.
Guard Tone: A1800 ±20 Hz guard tone can be generated (enabled by the GTE
bit).
DTMF Tones: Dual tone multi-frequency (DTMF) tones can be generated with a
frequency accuracy of ±1.5%.
User Defined Tones: A user-defined single or dual tone can be generated from
200 Hz to 3000 Hz ±5 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com