Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC9624DP Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RC9624DP
Description  Single Device Data/Fax Modem Data Pump
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RC9624DP Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button RC9624DP Datasheet HTML 4Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 5Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 6Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 7Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 8Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 9Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 10Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 11Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
1.0 Functional Description
RC96V24DP
1.2 Technical Specifications
Single Device Data/Modem Data Pump
1-6
D96V24DSA
1.2.6 Voice Mode
Transmit Voice.
Transmit voice samples can be sent to the modem digital-to-
analog converter (DAC) from the host through the transmit data buffer.
Receive Voice.
Received voice samples from the modem analog-to-digital
converter (ADC) can be read by the host from the receive data buffer.
1.2.7 Asynchronous Conversion
Asynchronous mode is selected by the ASYNC bit. The asynchronous character
format is 1 start bit, 5 to 8 data bits (WDSZ bits), an optional parity bit (PARSL
and PEN bits), and 1 or 2 stop bits (STB bit). Valid character size, including all
bits, is 7, 8, 9, 10 or 11 bits per character.
Signalling Rate Range.
Signalling rate range is selectable by the EXOS bit:
•
Basic range: +1% to -2.5%
•
Extended overspeed range: +2.3% to -2.5%
Break.
Break is handled as described in V.22 bis.
Table 1-3. RTS-CTS Response Times
Configuration
Turn On
Time
Turn Off
Time
Data Modes
V.22 bis, V.22, and Bell 212A (CC bit = 0)
≤ 2 ms
≤ 2 ms
V.22 bis, V.22, and Bell 212A (CC bit =1)
270 ms
≤ 2 ms
V.21 and Bell 103
2-5 ms
10 ms
V.23 (RC96V24DP and RC2324DPL only)
11 ms
≤ 2 ms
Fax Modes (RC96V24DP only)
Echo Protector Tone Disabled (NV25 = 1)
V.29 (All speeds)
253 ms
≤ 2 ms
V.27 4800
898 ms
≤ 2 ms
V.27 2400
1133 ms
9 ms
V.21
20 ms
4 ms
Echo Protector Tone Enabled (NV25 = 0)
V.29 (All speeds)
253 ms
≤ 2 ms
V.27 4800
1103 ms
≤ 2 ms
V.27 2400
1338 ms
9 ms
V.21
3095 ms
4 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com