Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC9624DP Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RC9624DP
Description  Single Device Data/Fax Modem Data Pump
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RC9624DP Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button RC9624DP Datasheet HTML 2Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 3Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 4Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 5Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 6Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 7Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 8Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 9Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
1.0 Functional Description
RC96V24DP
1.2 Technical Specifications
Single Device Data/Modem Data Pump
1-4
D96V24DSA
Table 1-1. Configurations, Signaling and Data Rates
Configuration
Modulation
Transmitter Carrier
Frequency (Hz) ±0.01%
Data Rate
(bps)
Baud
Bits Per
Constella-
tion
Sample
Rate
Answer2
Originate2
±0.01%
(Symbols/
Sec)
Symbol
Points
(Samples/
Sec)
Data Modes
V.22 bis
QAM
2400
1200
24003
600
4
16
7200
V.22
DPSK
2400
2400
1200
1200
12003
6003
600
600
2
1
4
2
7200
7200
Bell 212A
DPSK
2400
1200
12003
600
2
4
7200
Bell 103
FSK
2225 M
2025 S
1270 M
1070 S
0-3004
0-3004
1
1
7200
V.21
FSK
1650 M
1850 S
980 M
1180 S
0-3004
0-3004
1
1
7500
V.23 Forward
Channel5
FSK
1300 M
2100 S
1300 M
2100 S
1200
1200
1
1
96005
V.23 Backward
Channel5
FSK
390 M
450 S
390 M
450 S
75
75
1
1
7200
Fax Modes6
V.29
QAM
QAM
QAM
1700
1700
1700
1700
1700
1700
9600
7200
4800
2400
2400
2400
4
3
2
16
8
4
9600
7200
9600
V.27 ter
DPSK
DPSK
1800
1800
1800
1800
4800
2400
1600
1200
3
2
8
4
9600
9600
V.21 channel 2
FSK
1650 M
1850 S
1650 M
1850 S
300
300
1
1
9600
Dial/Call
Progress Mode
600
7200
Tone Generator/
Tone Detector
Mode
600
7200
Notes:
(1) Modulation legend:
QAM
Quadrature Amplitude Modulation
DPSK
Differential Phase Shift Keying
FSK
Frequency Shift Keying
(2) M indicates a mark condition; S indicates a space condition.
(3) Synchronous accuracy = ±0.01%; asynchronous accuracy = -2.5% to +1.0% (+2.3% if extended overspeed is selected).
(4) Value is upper limit for serial (e.g. 0-300).
(5) RC2324DPL only.
(6) RC96V24DP only.
(7) 9600 samples per sec in V.23 FDX Tx75/Rx1200; 7200 samples per second in V.23 FDX Tx1200/Rx75.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com