Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC9624DP Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RC9624DP
Description  Single Device Data/Fax Modem Data Pump
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RC9624DP Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RC9624DP Datasheet HTML 1Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 2Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 3Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 4Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 5Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 6Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 7Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 8Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
RC96V24DP
1.0 Functional Description
Single Device Data/Modem Data Pump
1.2 Technical Specifications
D96V24DSA
1-3
1.2.4.6 Receive Level
The receiver satisfies performance requirements for a received line signal from
-9 dBm to -43 dBm. The default RLSD turn-on and RLSD turn-off thresholds are
-43 dBm and -48 dBm, respectively. The RLSD threshold levels are
programmable in DSP RAM.
1.2.4.7 Receiver Timing
The modem can track a frequency error up to ±0.03% in the associated transmit
timing source.
1.2.4.8 Carrier
Recovery
The modem can track a frequency offset up to ±7 Hz in the received carrier with
less than a 0.2 dB degradation in bit error rate (BER).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com