Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4AEN...Q1 Datasheet(PDF) 40 Page - Texas Instruments

Part # TDA4AEN...Q1
Description  TDA4VEN, TDA4AEN Jacinto™ Processors
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4AEN...Q1 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TDA4AEN...Q1 Datasheet HTML 36Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 37Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 38Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 39Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 40Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 41Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 42Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 43Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 236 page
background image
Table 5-1. Pin Attributes (AMW Package) (continued)
BALL
NUMBER [1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE
[4]
TYPE
[5]
DSIS
[6]
BALL STATE
DURING
RESET
(RX/TX/PULL) [7]
BALL STATE
AFTER
RESET
(RX/TX/PULL) [8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
M13, M19,
N13, N19,
U10, U17,
V10, V17
VDDR_CORE
VDDR_CORE
PWR
G18, H18
VDDSHV0
VDDSHV0
PWR
K20, L20
VDDSHV1
VDDSHV1
PWR
T19, T20
VDDSHV2
VDDSHV2
PWR
M20, P20,
R20
VDDSHV3
VDDSHV3
PWR
H19
VDDSHV5
VDDSHV5
PWR
J21
VDDSHV6
VDDSHV6
PWR
H9
VDDSHV_CANUART
VDDSHV_CANUART
PWR
H10
VDDSHV_MCU
VDDSHV_MCU
PWR
AB1, D1, L7,
L8, N7, N8,
T7, T8
VDDS_DDR
VDDS_DDR
PWR
P8
VDDS_DDR_C
VDDS_DDR_C
PWR
Y9
VDDS_MMC0
VDDS_MMC0
PWR
K8
VDDS_OSC0
VDDS_OSC0
PWR
J8
VDD_CANUART
VDD_CANUART
PWR
J11, J14, J16,
J18, K11,
K12, K14,
K16, K18, K9,
L12, L17,
M10, M15,
M17, M9,
N10, N11,
N14, N16,
N18, P11,
P12, P14,
P18, R12,
R13, R15,
R17, R9, T13,
T15, T17, T9,
U12, U14,
U16, U8,
V12, V14,
V16, V19, V8,
W19, Y20,
Y21
VDD_CORE
VDD_CORE
PWR
W10
VDD_MMC0
VDD_MMC0
PWR
J7
VMON_1P8_SOC
VMON_1P8_SOC
A
K7
VMON_3P3_SOC
VMON_3P3_SOC
A
G7
VMON_ER_VSYS
VMON_ER_VSYS
A
TDA4VEN-Q1, TDA4AEN-Q1
SPRSP96A – MARCH 2024 – REVISED SEPTEMBER 2024
www.ti.com
40
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VEN-Q1 TDA4AEN-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com