Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4AEN...Q1 Datasheet(PDF) 54 Page - Texas Instruments

Part # TDA4AEN...Q1
Description  TDA4VEN, TDA4AEN Jacinto™ Processors
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4AEN...Q1 Datasheet(HTML) 54 Page - Texas Instruments

Back Button TDA4AEN...Q1 Datasheet HTML 50Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 51Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 52Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 53Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 54Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 55Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 56Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 57Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 236 page
background image
Table 5-17. Trace Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
TRC_CTL
O
Trace Control
R23
TRC_DATA0
O
Trace Data 0
R26
TRC_DATA1
O
Trace Data 1
T27
TRC_DATA2
O
Trace Data 2
T25
TRC_DATA3
O
Trace Data 3
T24
TRC_DATA4
O
Trace Data 4
T21
TRC_DATA5
O
Trace Data 5
T22
TRC_DATA6
O
Trace Data 6
T23
TRC_DATA7
O
Trace Data 7
N21
TRC_DATA8
O
Trace Data 8
N22
TRC_DATA9
O
Trace Data 9
N23
TRC_DATA10
O
Trace Data 10
P27
TRC_DATA11
O
Trace Data 11
P26
TRC_DATA12
O
Trace Data 12
V21
TRC_DATA13
O
Trace Data 13
N24
TRC_DATA14
O
Trace Data 14
N25
TRC_DATA15
O
Trace Data 15
R27
TRC_DATA16
O
Trace Data 16
P21
TRC_DATA17
O
Trace Data 17
P22
TRC_DATA18
O
Trace Data 18
P23
TRC_DATA19
O
Trace Data 19
V23
TRC_DATA20
O
Trace Data 20
V22
TRC_DATA21
O
Trace Data 21
V24
TRC_DATA22
O
Trace Data 22
V26
TRC_DATA23
O
Trace Data 23
V25
5.3.8.2 MCU Domain
Table 5-18. JTAG Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
EMU0
IO
Emulation Control 0
C9
EMU1
IO
Emulation Control 1
F9
TCK
I
JTAG Test Clock Input
A11
TDI
I
JTAG Test Data Input
E12
TDO
OZ
JTAG Test Data Output
F10
TMS
I
JTAG Test Mode Select Input
F11
TRSTn
I
JTAG Reset
B10
5.3.9 EPWM
5.3.9.1 MAIN Domain
Table 5-19. EPWM Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
EHRPWM_SOCA
O
EHRPWM Start of Conversion A
D23
EHRPWM_SOCB
O
EHRPWM Start of Conversion B
B22
TDA4VEN-Q1, TDA4AEN-Q1
SPRSP96A – MARCH 2024 – REVISED SEPTEMBER 2024
www.ti.com
54
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VEN-Q1 TDA4AEN-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com