Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4AEN...Q1 Datasheet(PDF) 78 Page - Texas Instruments

Part # TDA4AEN...Q1
Description  TDA4VEN, TDA4AEN Jacinto™ Processors
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4AEN...Q1 Datasheet(HTML) 78 Page - Texas Instruments

Back Button TDA4AEN...Q1 Datasheet HTML 74Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 75Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 76Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 77Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 78Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 79Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 80Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 81Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 236 page
background image
Table 5-81. USB0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
USB0_DRVVBUS
O
USB VBUS control output (active high)
E25
USB0_RCALIB (1)
A
Pin to connect to calibration resistor
AA8
USB0_VBUS (2)
A
USB Level-shifted VBUS Input
W7
(1)
An external 499 Ω ±1% resistor must be connected between this pin and VSS and the maximum power dissipation for the resistor is
7.2mW. No external voltage should be applied to this pin.
(2)
An external resistor divider is required to limit the voltage applied to the device pin. For more information, see Section 8.2.3, USB
VBUS Design Guidelines.
Table 5-82. USB1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
USB1_DM
IO
USB 2.0 Differential Data (negative)
E17
USB1_DP
IO
USB 2.0 Differential Data (positive)
D17
USB1_DRVVBUS
O
USB VBUS control output (active high)
B27
USB1_RCALIB (1)
A
Pin to connect to calibration resistor
E18
USB1_VBUS (2)
A
USB Level-shifted VBUS Input
F18
(1)
An external 499 Ω ±1% resistor must be connected between this pin and VSS and the maximum power dissipation for the resistor is
7.2mW. No external voltage should be applied to this pin.
(2)
An external resistor divider is required to limit the voltage applied to the device pin. For more information, see Section 8.2.3, USB
VBUS Design Guidelines.
5.4 Pin Connectivity Requirements
This section describes connectivity requirements for package balls that have specific connectivity requirements
and unused package balls.
Note
All power pins must be supplied with the voltages specified in Recommended Operating Conditions,
unless otherwise specified.
Note
For additional clarification, "leave unconnected" or "no connect" (NC) means no signal traces can be
connected to these device ball numbers.
Table 5-83. Connectivity Requirements
AMW
BALL
NUMBER
BALL NAME
CONNECTION REQUIREMENTS
B10
TRSTn
Each of these balls must be connected to VSS through separate external pull
resistors to ensure these balls are held to a valid logic-low level if a PCB signal
trace is connected and not actively driven by an attached device. The internal
pull-down can be used to hold a valid logic-low level if no PCB signal trace is
connected to the ball.
A11
E12
F11
TCK
TDI
TMS
Each of these balls must be connected to the corresponding power supply(1)
through separate external pull resistors to ensure the inputs associated with
these balls are held to a valid logic-high level if a PCB signal trace is connected
and not actively driven by an attached device. The internal pull-up can be used
to hold a valid logic-high level if no PCB signal trace is connected to the ball.
TDA4VEN-Q1, TDA4AEN-Q1
SPRSP96A – MARCH 2024 – REVISED SEPTEMBER 2024
www.ti.com
78
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VEN-Q1 TDA4AEN-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com