| Electronic Components Datasheet Search |
|
TDA4AEN...Q1 Datasheet(PDF) 55 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4AEN...Q1 Datasheet(HTML) 55 Page - Texas Instruments |
|
55 / 236 page ![]() Table 5-19. EPWM Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] EHRPWM_TZn_IN0 I EHRPWM Trip Zone Input 0 (active low) E20, F27 EHRPWM_TZn_IN1 I EHRPWM Trip Zone Input 1 (active low) F26 EHRPWM_TZn_IN2 I EHRPWM Trip Zone Input 2 (active low) H21 EHRPWM_TZn_IN3 I EHRPWM Trip Zone Input 3 (active low) D22 EHRPWM_TZn_IN4 I EHRPWM Trip Zone Input 4 (active low) C22 EHRPWM_TZn_IN5 I EHRPWM Trip Zone Input 5 (active low) C20 Table 5-20. EPWM0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] EHRPWM0_A IO EHRPWM Output A B20, C27, J27 EHRPWM0_B IO EHRPWM Output B C20, F24, H27 EHRPWM0_SYNCI I Sync Input to EHRPWM module from an external pin C24, H26 EHRPWM0_SYNCO O Sync Input to EHRPWM module from an external pin A22, F27 Table 5-21. EPWM1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] EHRPWM1_A IO EHRPWM Output A B25, D20, G27 EHRPWM1_B IO EHRPWM Output B E19, F23, G26 Table 5-22. EPWM2 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] EHRPWM2_A IO EHRPWM Output A C24, F19, F26 EHRPWM2_B IO EHRPWM Output B A22, F20, H21 5.3.10 EQEP 5.3.10.1 MAIN Domain Table 5-23. EQEP0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] EQEP0_A (1) I EQEP Quadrature Input A A25 EQEP0_B (1) I EQEP Quadrature Input B A26 EQEP0_I (1) IO EQEP Index F23 EQEP0_S (1) IO EQEP Strobe B25 (1) This EQEP input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device Configuration chapter. Table 5-24. EQEP1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] EQEP1_A (1) I EQEP Quadrature Input A D25 EQEP1_B (1) I EQEP Quadrature Input B C26 EQEP1_I (1) IO EQEP Index F24 www.ti.com TDA4VEN-Q1, TDA4AEN-Q1 SPRSP96A – MARCH 2024 – REVISED SEPTEMBER 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 55 Product Folder Links: TDA4VEN-Q1 TDA4AEN-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |