| Electronic Components Datasheet Search |
|
TDA4AEN...Q1 Datasheet(PDF) 64 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4AEN...Q1 Datasheet(HTML) 64 Page - Texas Instruments |
|
64 / 236 page ![]() 5.3.14.2 MCU Domain Table 5-39. MCU_MCAN0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] MCU_MCAN0_RX I MCAN Receive Data D8 MCU_MCAN0_TX O MCAN Transmit Data B2 Table 5-40. MCU_MCAN1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] MCU_MCAN1_RX I MCAN Receive Data B1 MCU_MCAN1_TX O MCAN Transmit Data C1 5.3.15 MCASP 5.3.15.1 MAIN Domain Table 5-41. MCASP0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] MCASP0_ACLKR IO MCASP Receive Bit Clock F24 MCASP0_ACLKX IO MCASP Transmit Bit Clock D25 MCASP0_AFSR IO MCASP Receive Frame Sync C27 MCASP0_AFSX IO MCASP Transmit Frame Sync C26 MCASP0_AXR0 IO MCASP Serial Data (Input/Output) F23 MCASP0_AXR1 IO MCASP Serial Data (Input/Output) B25 MCASP0_AXR2 IO MCASP Serial Data (Input/Output) A26 MCASP0_AXR3 IO MCASP Serial Data (Input/Output) A25 Table 5-42. MCASP1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] MCASP1_ACLKR IO MCASP Receive Bit Clock H26, J22, P23 MCASP1_ACLKX IO MCASP Transmit Bit Clock F26, N27, P27 MCASP1_AFSR IO MCASP Receive Frame Sync F27, K22, P22 MCASP1_AFSX IO MCASP Transmit Frame Sync H21, M27, V21 MCASP1_AXR0 IO MCASP Serial Data (Input/Output) G26, M26, N23 MCASP1_AXR1 IO MCASP Serial Data (Input/Output) G27, L21, N22 MCASP1_AXR2 IO MCASP Serial Data (Input/Output) H27, K22, N21 MCASP1_AXR3 IO MCASP Serial Data (Input/Output) J22, J27, T23 MCASP1_AXR4 IO MCASP Serial Data (Input/Output) F27, P22 MCASP1_AXR5 IO MCASP Serial Data (Input/Output) H26, P23 Table 5-43. MCASP2 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] MCASP2_ACLKR IO MCASP Receive Bit Clock V23 MCASP2_ACLKX IO MCASP Transmit Bit Clock B21, V24 MCASP2_AFSR IO MCASP Receive Frame Sync V22 MCASP2_AFSX IO MCASP Transmit Frame Sync E22, V26 TDA4VEN-Q1, TDA4AEN-Q1 SPRSP96A – MARCH 2024 – REVISED SEPTEMBER 2024 www.ti.com 64 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: TDA4VEN-Q1 TDA4AEN-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |