| Electronic Components Datasheet Search |
|
TDA4AEN...Q1 Datasheet(PDF) 47 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4AEN...Q1 Datasheet(HTML) 47 Page - Texas Instruments |
|
47 / 236 page ![]() 5.3 Signal Descriptions Many signals are available on multiple pins, according to the software configuration of the pin multiplexing options. The following list describes the column headers: 1. SIGNAL NAME: The name of the signal passing through the pin. Note Signal names and descriptions provided in each Signal Descriptions table, represent the pin multiplexed signal function which is implemented at the pin and selected via PADCONFIG registers. Device subsystems may provide secondary multiplexing of signal functions, which are not described in these tables. For more information on secondary multiplexed signal functions, see the respective peripheral chapter of the device TRM. 2. PIN TYPE: Signal direction and type: • I = Input • O = Output • OD = Output, with open-drain output function • IO = Input, Output, or simultaneously Input and Output • IOD = Input, Output, or simultaneously Input and Output with open-drain output function • IOZ = Input, Output, or simultaneously Input and Output with three-state output function • OZ = Output with three-state output function • A = Analog • PWR = Power • GND = Ground • CAP = LDO Capacitor 3. DESCRIPTION: Description of the signal 4. BALL: Ball number(s) associated with signal 5.3.1 CPSW3G 5.3.1.1 MAIN Domain Table 5-2. CPSW3G0 RGMII1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] RGMII1_RXC I RGMII Receive Clock AE27 RGMII1_RX_CTL I RGMII Receive Control AD23 RGMII1_TXC O RGMII Transmit Clock AG26 RGMII1_TX_CTL O RGMII Transmit Control AF25 RGMII1_RD0 I RGMII Receive Data 0 AC25 RGMII1_RD1 I RGMII Receive Data 1 AD27 RGMII1_RD2 I RGMII Receive Data 2 AE24 RGMII1_RD3 I RGMII Receive Data 3 AE26 RGMII1_TD0 O RGMII Transmit Data 0 AF27 RGMII1_TD1 O RGMII Transmit Data 1 AE23 RGMII1_TD2 O RGMII Transmit Data 2 AG25 RGMII1_TD3 O RGMII Transmit Data 3 AF24 www.ti.com TDA4VEN-Q1, TDA4AEN-Q1 SPRSP96A – MARCH 2024 – REVISED SEPTEMBER 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 47 Product Folder Links: TDA4VEN-Q1 TDA4AEN-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |