Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4AEN...Q1 Datasheet(PDF) 86 Page - Texas Instruments

Part # TDA4AEN...Q1
Description  TDA4VEN, TDA4AEN Jacinto™ Processors
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4AEN...Q1 Datasheet(HTML) 86 Page - Texas Instruments

Back Button TDA4AEN...Q1 Datasheet HTML 82Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 83Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 84Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 85Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 86Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 87Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 88Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 89Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 236 page
background image
6.5 Operating Performance Points
Table 6-1 defines the maximum operating frequency of the clocks for each device speed grade and Table 6-2
defines the only valid Operating Performance Points (OPPs) for the device subsystem and core clocks..
Table 6-1. Device Speed Grades
Speed
Grade
VDD_CORE
(V)(1)
MAXIMUM OPERATING FREQUNCY (MHz)
MAXIMUM
DATA RATE
(MT/s)(2)
A53SS
(Cortex-
A53x)
C7/MMA
R5FSS0
MAIN
DOMAIN
SYSCLK
MCU
R5F
MCU
DOMAIN
SYSCLK
DEVICE
MGR R5F
DEVICE
MGR
DOMAIN
CLK
HSM
GPU
VPAC
DMPAC
VPU
LPDDR4
J
0.75
1250
912.5
800
500
800
400
800
400
400
720
600
428.5
500
3200 to 3733
K
0.85
1400
1000
800
3466 to 4000
(1)
Nominal operating voltage, see Section 6.4.
(2)
Maximum DDR Frequency will be limited based on the specific memory type (vendor) used in a system and by PCB implementation.
Refer to LPDDR4 Board Design and Layout Guidelines for the proper PCB implementation to achieve maximum DDR frequency. It
is recommended that software uses the minimum required LPDDR4 transfer rate that satisfies the performance requirements of the
system.
Table 6-2. Device Operating Performance Points
OPP A53SS(1) C7/MMA
FIXED OPERATING FREQUENCY OPTIONS (MHz)(2)
MT/s(3)
R5FSS0
MAIN
DOMAIN
SYSCLK
MCU R5F
MCU
DOMAIN
SYSCLK
DEVICE
MGR R5F
DEVICE
MGR
DOMAIN
CLK
HSM
GPU
VPAC
DMPAC
VPU
LPDDR4
 
High
 
From
PLL BP
to Speed
Grade
Max
From
PLL BP
to Speed
Grade
Max
800
500
800
400
800
400
400
Speed
Grade
Max
600
428.5
500,
400,
200,
or
100
From
PLL BP
to Speed
Grade
Max
 
Low
 
400
250
400
200
400
133
133
(1)
Default operating frequency, set by software at boot. Supports Dynamic Frequency Scaling after boot.
(2)
Fixed operating frequency, set by software at boot.
(3)
Maximum DDR Frequency will be limited based on the specific memory type (vendor) used in a system and by PCB implementation.
Refer to LPDDR4 Board Design and Layout Guidelines for the proper PCB implementation to achieve maximum DDR frequency.
TDA4VEN-Q1, TDA4AEN-Q1
SPRSP96A – MARCH 2024 – REVISED SEPTEMBER 2024
www.ti.com
86
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VEN-Q1 TDA4AEN-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com