Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4AEN...Q1 Datasheet(PDF) 50 Page - Texas Instruments

Part # TDA4AEN...Q1
Description  TDA4VEN, TDA4AEN Jacinto™ Processors
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4AEN...Q1 Datasheet(HTML) 50 Page - Texas Instruments

Back Button TDA4AEN...Q1 Datasheet HTML 46Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 47Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 48Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 49Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 50Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 51Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 52Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 53Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 236 page
background image
Table 5-9. CSIRX2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
CSI2_RXCLKN
I
CSI Differential Receive Clock Input (negative)
AG8
CSI2_RXCLKP
I
CSI Differential Receive Clock Input (positive)
AG9
CSI2_RXRCALIB (1)
A
CSI pin connected to external resistor for on-chip resistor
calibration
AB14
CSI2_RXN0
I
CSI Differential Receive Input (negative)
AF9
CSI2_RXN1
I
CSI Differential Receive Input (negative)
AE10
CSI2_RXN2
I
CSI Differential Receive Input (negative)
AD11
CSI2_RXN3
I
CSI Differential Receive Input (negative)
AC13
CSI2_RXP0
I
CSI Differential Receive Input (positive)
AF10
CSI2_RXP1
I
CSI Differential Receive Input (positive)
AE11
CSI2_RXP2
I
CSI Differential Receive Input (positive)
AD12
CSI2_RXP3
I
CSI Differential Receive Input (positive)
AC12
(1)
An external 499 Ω ±1% resistor must be connected between this pin and VSS and the maximum power dissipation for the resistor is
7.2mW. No external voltage should be applied to this pin.
Table 5-10. CSIRX3 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
CSI3_RXCLKN
I
CSI Differential Receive Clock Input (negative)
AG12
CSI3_RXCLKP
I
CSI Differential Receive Clock Input (positive)
AG11
CSI3_RXRCALIB (1)
A
CSI pin connected to external resistor for on-chip resistor
calibration
AB15
CSI3_RXN0
I
CSI Differential Receive Input (negative)
AF13
CSI3_RXN1
I
CSI Differential Receive Input (negative)
AE14
CSI3_RXN2
I
CSI Differential Receive Input (negative)
AD15
CSI3_RXN3
I
CSI Differential Receive Input (negative)
AC15
CSI3_RXP0
I
CSI Differential Receive Input (positive)
AF12
CSI3_RXP1
I
CSI Differential Receive Input (positive)
AE13
CSI3_RXP2
I
CSI Differential Receive Input (positive)
AD14
CSI3_RXP3
I
CSI Differential Receive Input (positive)
AC16
(1)
An external 499 Ω ±1% resistor must be connected between this pin and VSS and the maximum power dissipation for the resistor is
7.2mW. No external voltage should be applied to this pin.
5.3.4 DDRSS
5.3.4.1 MAIN Domain
Table 5-11. DDRSS0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
DDR0_CAS_n (1)
O
DDRSS Column Address Strobe / LPDDR4 Chip Select
1B
M4
DDR0_RAS_n (1)
O
DDRSS Row Address Strobe / LPDDR4 Chip Select 0B
M3
DDR0_A0
O
DDRSS Address Bus
L4
DDR0_A1
O
DDRSS Address Bus
L6
DDR0_A2
O
DDRSS Address Bus
M5
DDR0_A3
O
DDRSS Address Bus
L3
DDR0_A4
O
DDRSS Address Bus
N2
DDR0_A5
O
DDRSS Address Bus
L2
DDR0_CAL0 (2)
A
IO Pad Calibration Resistor
R6
TDA4VEN-Q1, TDA4AEN-Q1
SPRSP96A – MARCH 2024 – REVISED SEPTEMBER 2024
www.ti.com
50
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VEN-Q1 TDA4AEN-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com