Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4AEN...Q1 Datasheet(PDF) 67 Page - Texas Instruments

Part # TDA4AEN...Q1
Description  TDA4VEN, TDA4AEN Jacinto™ Processors
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4AEN...Q1 Datasheet(HTML) 67 Page - Texas Instruments

Back Button TDA4AEN...Q1 Datasheet HTML 63Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 64Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 65Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 66Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 67Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 68Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 69Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 70Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 236 page
background image
5.3.16.2 MCU Domain
Table 5-49. MCU_MCSPI0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
MCU_SPI0_CLK
IO
SPI Clock
A9
MCU_SPI0_CS0
IO
SPI Chip Select 0
C12
MCU_SPI0_CS1
IO
SPI Chip Select 1
A10
MCU_SPI0_CS2
IO
SPI Chip Select 2
B1, B3
MCU_SPI0_CS3
IO
SPI Chip Select 3
B2
MCU_SPI0_D0
IO
SPI Data 0
B12
MCU_SPI0_D1
IO
SPI Data 1
C11
Table 5-50. MCU_MCSPI1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
MCU_SPI1_CLK
IO
SPI Clock
B1, C3
MCU_SPI1_CS0
IO
SPI Chip Select 0
C4
MCU_SPI1_CS1
IO
SPI Chip Select 2
C1
MCU_SPI1_CS2
IO
SPI Chip Select 2
B1, C8
MCU_SPI1_CS3
IO
SPI Chip Select 3
D8
MCU_SPI1_D0
IO
SPI Data 0
B5
MCU_SPI1_D1
IO
SPI Data 1
C5
5.3.17 MDIO
5.3.17.1 MAIN Domain
Table 5-51. MDIO0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
MDIO0_MDC
O
MDIO Clock
AC24
MDIO0_MDIO
IO
MDIO Data
AD25
5.3.18 MMC
5.3.18.1 MAIN Domain
Table 5-52. MMC0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
MMC0_CALPAD (1)
A
MMC/SD/SDIO Calibration Resistor
AC1
MMC0_CLK
IO
MMC/SD/SDIO Clock
AE1
MMC0_CMD
IO
MMC/SD/SDIO Command
AE2
MMC0_DS
IO
MMC Data Strobe
AD1
MMC0_DAT0
IO
MMC/SD/SDIO Data
AD3
MMC0_DAT1
IO
MMC/SD/SDIO Data
AD2
MMC0_DAT2
IO
MMC/SD/SDIO Data
AB4
MMC0_DAT3
IO
MMC/SD/SDIO Data
AC2
MMC0_DAT4
IO
MMC/SD/SDIO Data
AC3
MMC0_DAT5
IO
MMC/SD/SDIO Data
AB3
MMC0_DAT6
IO
MMC/SD/SDIO Data
AF1
www.ti.com
TDA4VEN-Q1, TDA4AEN-Q1
SPRSP96A – MARCH 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
67
Product Folder Links: TDA4VEN-Q1 TDA4AEN-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com