Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4AEN...Q1 Datasheet(PDF) 83 Page - Texas Instruments

Part # TDA4AEN...Q1
Description  TDA4VEN, TDA4AEN Jacinto™ Processors
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4AEN...Q1 Datasheet(HTML) 83 Page - Texas Instruments

Back Button TDA4AEN...Q1 Datasheet HTML 79Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 80Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 81Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 82Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 83Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 84Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 85Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 86Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 236 page
background image
T
overshoot
T
undershoot
T
period
Overshoot = 20% of nominal
IO supply voltage
Undershoot = 20% of nominal
IO supply voltage
A.
Tovershoot + Tundershoot < 20% of Tperiod
Figure 6-1. IO Transient Voltage Ranges
6.2 ESD Ratings for AEC - Q100 Qualified Devices in the AMW Package
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC - Q100-002(1)
±1000
V
Charged-device model (CDM), per AEC - Q100-011
Corner pins
(A1, A25, AE1, and
AE25)
±750
All other pins
±250
(1)
AEC - Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 Power-On Hours (POH)
POWER ON HOURS (POH)(1) (2) (3)
JUNCTION TEMPERATURE RANGE (TJ)(4)
LIFETIME (POH)
–40°C to 105°C
100000
–40°C to 125°C
20000(5)
(1)
This information is provided solely for your convenience and does not extend or modify the
warranty provided under TI's standard terms and conditions for TI semiconductor products.
(2)
Unless specified in the table above, all voltage domains and operating conditions are supported in
the device at the noted temperatures.
(3)
POH is a function of voltage, temperature and time. Usage at higher voltages and temperatures will
result in a reduction in POH.
(4)
Either –40 to 105C or –40 to 125C profile should be chosen and applied through the lifetime of
the application. Mixing of these profiles for the purposes of extending temperature and/or POH may
result in increased reliability failure risk and is not recommended.
(5)
The –40 to 125C profile is defined as 20000 power on hours with a junction temperature as follows:
5%@–40°C, 65%@70°C, 20%@110°C, and 10%@125°C.
www.ti.com
TDA4VEN-Q1, TDA4AEN-Q1
SPRSP96A – MARCH 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
83
Product Folder Links: TDA4VEN-Q1 TDA4AEN-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com