Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4AEN...Q1 Datasheet(PDF) 194 Page - Texas Instruments

Part # TDA4AEN...Q1
Description  TDA4VEN, TDA4AEN Jacinto™ Processors
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4AEN...Q1 Datasheet(HTML) 194 Page - Texas Instruments

Back Button TDA4AEN...Q1 Datasheet HTML 190Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 191Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 192Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 193Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 194Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 195Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 196Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 197Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 198Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 236 page
background image
6.9.5.18.2.4 UHS–I SDR25 Mode
Table 6-107, Figure 6-90, Table 6-108, and Figure 6-91 present timing requirements and switching
characteristics for MMC1/MMC2 – UHS-I SDR25 Mode.
Table 6-107. Timing Requirements for MMC1/MMC2 – UHS-I SDR25 Mode
see Figure 6-90
NO.
MIN
MAX
UNIT
SDR251
tsu(cmdV-clkH)
Setup time, MMCx_CMD valid before MMCx_CLK rising edge
2.15
ns
SDR252
th(clkH-cmdV)
Hold time, MMCx_CMD valid after MMCx_CLK rising edge
1.27
ns
SDR253
tsu(dV-clkH)
Setup time, MMCx_DAT[3:0] valid before MMCx_CLK rising edge
2.15
ns
SDR254
th(clkH-dV)
Hold time, MMCx_DAT[3:0] valid after MMCx_CLK rising edge
1.27
ns
MMC[ ]_CLK
x
MMC[ ]_CMD
x
MMC
DAT
[ ]_
[3:0]
x
SDR251
SDR252
SDR253
SDR254
Figure 6-90. MMC1/MMC2 – UHS-I SDR25 – Receive Mode
Table 6-108. Switching Characteristics for MMC1/MMC2 – UHS-I SDR25 Mode
see Figure 6-91
NO.
PARAMETER
MIN
MAX
UNIT
fop(clk)
Operating frequency, MMCx_CLK
50
MHz
SDR255
tc(clk)
Cycle time, MMCx_CLK
20
ns
SDR256
tw(clkH)
Pulse duration, MMCx_CLK high
9.2
ns
SDR257
tw(clkL)
Pulse duration, MMCx_CLK low
9.2
ns
SDR258
td(clkL-cmdV)
Delay time, MMCx_CLK rising edge to MMCx_CMD transition
2.4
8.1
ns
SDR259
td(clkL-dV)
Delay time, MMCx_CLK rising edge to MMCx_DAT[3:0] transition
2.4
8.1
ns
MMC[ ]_CLK
x
MMC
CMD
[ ]_
x
MMC
DAT
[ _
[3:0]
x]
SDR255
SDR257
SDR256
SDR258
SDR259
SDR258
SDR259
Figure 6-91. MMC1/MMC2 – UHS-I SDR25 – Transmit Mode
TDA4VEN-Q1, TDA4AEN-Q1
SPRSP96A – MARCH 2024 – REVISED SEPTEMBER 2024
www.ti.com
194
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VEN-Q1 TDA4AEN-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com