Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4635 Datasheet(PDF) 33 Page - Asahi Kasei Microsystems

Part # AK4635
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4635 Datasheet(HTML) 33 Page - Asahi Kasei Microsystems

Back Button AK4635 Datasheet HTML 29Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 30Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 31Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 32Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 33Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 34Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 35Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 36Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 37Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 33 -
■ Audio Interface Format
Four types of data formats are available and are selected by setting the DIF1-0 bits. (Table 16) In all modes, the serial data
is MSB first, 2’s complement format. Audio interface formats can be used in both master and slave modes. FCK and
BICK are output from the AK4635 in master mode, but must be input to the AK4635 in slave mode.
In Mode 1-3, the SDTO is clocked out on the falling edge of BICK and the SDTI is latched on the rising edge.
Mode
DIF1
DIF0
SDTO (ADC)
SDTI (DAC)
BICK
Figure
0
0
0
DSP Mode
DSP Mode
≥ 16fs
See Table 17
1
0
1
MSB justified
MSB justified
≥ 32fs
Figure 29
2
1
0
MSB justified
MSB justified
≥ 32fs
Figure 30
(default)
3
1
1
I2S compatible
I2S compatible
≥ 32fs
Figure 31
Table 16. Audio Interface Format
In Mode0 (DSP mode), the audio I/F timing is changed by BCKP and MSBS bits.
When BCKP bit is “0”, SDTO data is output by rising edge of BICK, SDTI data is latched by falling edge of BICK.
When BCKP bit is “1”, SDTO data is output by falling edge of BICK, SDTI data is latched by rising edge of BICK.
MSB data position of SDTO and SDTI can be shifted by MSBS bit. The shifted period is a half of BICK.
MSBS bit
BCKP bit
Audio Interface Format
0
0
Figure 32
(default)
0
1
Figure 33
1
0
Figure 34
1
1
Figure 35
Table 17. Audio Interface Format in Mode 0
If 16-bit data, the output of ADC, is converted to 8-bit data by removing LSB 8-bit, “
−1” at 16bit data is converted to “−1”
at 8-bit data. And when the DAC playbacks this 8-bit data, “
−1” at 8-bit data will be converted to “−256” at 16-bit data
and this is a large offset. This offset can be removed by adding the offset of “128” to 16-bit data before converting to 8-bit
data.
FCK
BICK(32fs)
SDTO(o)
0
1
2
8
9
10
12
13
15
0
1
2
8
9
10
12
13
15
0
15
1
14
4
87
6
0
32
11
14
1
5
14
11
15
BICK(64fs)
SDTO(o)
0
1
2
3
14
15
17
18
31
0
1
2
14
15
17
18
31
0
15
1
14
0
15
SDTI(i)
10
15
14
15:MSB, 0:LSB
Data
1/fs
Don’t Care
2
1
13
Don’t Care
16
16
3
3
13
3
15 14
4
7
6
0
32
1
5
15
13
SDTI(i)
Don’t Care
Figure 29. Mode 1 Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com