Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4635 Datasheet(PDF) 37 Page - Asahi Kasei Microsystems

Part # AK4635
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4635 Datasheet(HTML) 37 Page - Asahi Kasei Microsystems

Back Button AK4635 Datasheet HTML 33Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 34Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 35Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 36Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 37Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 38Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 39Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 40Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 41Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 37 -
■ System Reset
When power-up, the PDN pin should be “L” and change to “H” after all power are supplied. “L” time of 150ns or more
is needed to reset in the AK4635.
The ADC enters an initialization cycle when the PMADC bit is changed from “0” to “1”. The initialization cycle time is
1059/fs, or 133ms@fs = 8kHz. During the initialization cycle, the ADC digital data outputs of both channels are forced to
a 2's compliment, “0”. The ADC output reflects the analog input signal after the initialization cycle is complete. The DAC
does not require an initialization cycle.
(Note) Off-set occurs in the initial data depending on the conditions of a microphone and cut-off frequency of HPF.
When Off-set becomes a problem, lengthen initialization time of ADC as ADRST bit = “0” or do not use initial
output data of ADC.
Init Cycle
ADRST bit
Cycle
fs = 8kHz
fs = 16kHz
fs = 48kHz
0
1059/fs
132.4ms
66.2ms
22.1ms
1
291/fs
36.4ms
18.2ms
6.1ms
Table 18 Initialization cycle of ADC
■ Thermal Shut Down
When the internal device temperature rises up irregularly (e.g. output pins of speaker amplifier are shortened), the
AK4635 is powered down automatically and then THDET bit becomes “1”. The powered-down speaker amplifier do not
return to normal operation unless SPK-Amp blocks of the AK4635 are reset by the PDN pin “L”. The device status can be
monitored by THDET bit.
■ MIC/LINE Input Selector
The AK4646 has an input selector. When MDIF bit is “0”, LIN bit selects MIC pin or LIN pin. When MDIF bit is “1”,
full-differential input is available.
MDIF bit
LIN bit
Input circuit
Input pin
0
0
Single-End
MIC pin
(default)
0
1
Single-End
LIN pin
1
x
Differential
MICP/MICN pin
Table 19. Input Select (x: Don’t care)
Figure 36 Input Selector
MIC/MICP pin
ADC
LIN/MICN pin
LIN bit
MDIF bit
AK4635



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com