Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4635 Datasheet(PDF) 70 Page - Asahi Kasei Microsystems

Part # AK4635
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4635 Datasheet(HTML) 70 Page - Asahi Kasei Microsystems

Back Button AK4635 Datasheet HTML 66Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 67Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 68Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 69Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 70Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 71Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 72Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 73Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 74Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 70 -
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
07H
ALC Mode Control 1
LFST
ALC2
ALC1
ZELMN
LMAT1
LMAT0
RGAIN0
LMTH0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
1
LMTH1-0: ALC Limiter Detection Level / Recovery Waiting Counter Reset Level (Table 25)
LMTH1 bit is located at D6 bit of 0BH. Default: “01”
RGAIN1-0: ALC Recovery GAIN Step (Table 29)
RGAIN1 bit is located at D7 bit of 0BH. Default: “00”
LMAT1-0: ALC Limiter ATT Step (Table 26)
Default: “00”
ZELMN: Zero crossing detection enable at ALC Limiter operation
0: Enable (default)
1: Disable
ALC1: ALC of recoding path Enable
0: Disable (default)
1: Enable
ALC2: ALC2 of playback path Enable
0: Disable (default)
1: Enable
LFST: Limiter function of ALC when the output was bigger than Fs.
0: The volume value is changed at zero crossing or timeout. (default)
1: When output of ALC is bigger than FS, VOL value is changed instantly.
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
08H
ALC Mode Control 2
IREF7
IREF6
IREF5
IREF4
IREF3
IREF2
IREF1
IREF0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
1
1
0
0
0
1
0
1
IREF7-0: Reference value at ALC Recovery operation for recoding. (0.375dB step, 242 Level) (Table 30)
Default: “C5H” (+19.5dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com